Electronic Components Datasheet Search
  English  ▼

X  

W78LE812 Datasheet(PDF) 18 Page - Winbond

Part # W78LE812
Description  8-BIT MTP MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE812 Datasheet(HTML) 18 Page - Winbond

Back Button W78LE812 Datasheet HTML 14Page - Winbond W78LE812 Datasheet HTML 15Page - Winbond W78LE812 Datasheet HTML 16Page - Winbond W78LE812 Datasheet HTML 17Page - Winbond W78LE812 Datasheet HTML 18Page - Winbond W78LE812 Datasheet HTML 19Page - Winbond W78LE812 Datasheet HTML 20Page - Winbond W78LE812 Datasheet HTML 21Page - Winbond W78LE812 Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
W78LE812
- 18 -
Data Read Cycle
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTES
ALE Low to RD Low
TDAR
3 TCP -
∆
-
3 TCP +
∆
nS
1, 2
RD Low to Data Valid
TDDA
-
-
4 TCP
nS
1
Data Hold from RD High
TDDH
0
-
2 TCP
nS
Data Float from RD High
TDDZ
0
-
2 TCP
nS
RD Pulse Width
TDRD
6 TCP -
∆
6 TCP
-
nS
2
Notes:
1. Data memory access time is 8 TCP.
2. "
∆" (due to buffer driving delay and wire loading) is 20 nS.
Data Write Cycle
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
ALE Low to WR Low
TDAW
3 TCP -
∆
-
3 TCP +
∆
nS
Data Valid to WR Low
TDAD
1 TCP -
∆
-
-
nS
Data Hold from WR High
TDWD
1 TCP -
∆
-
-
nS
WR Pulse Width
TDWR
6 TCP -
∆
6 TCP
-
nS
Note: "
∆" (due to buffer driving delay and wire loading) is 20 nS.
Port Access Cycle
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Port Input Setup to ALE Low
TPDS
1 TCP
-
-
nS
Port Input Hold from ALE Low
TPDH
0
-
-
nS
Port Output to ALE
TPDA
1 TCP
-
-
nS
Note: Ports are read during S5P2, and output data becomes available at the end of S6P2. The timing data are referenced to
ALE, since it provides a convenient reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com