Electronic Components Datasheet Search
  English  ▼

X  

LV5682P Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LV5682P
Description  For Car Audio Systems Multi-Power Supply System IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5682P Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LV5682P Datasheet HTML 5Page - Sanyo Semicon Device LV5682P Datasheet HTML 6Page - Sanyo Semicon Device LV5682P Datasheet HTML 7Page - Sanyo Semicon Device LV5682P Datasheet HTML 8Page - Sanyo Semicon Device LV5682P Datasheet HTML 9Page - Sanyo Semicon Device LV5682P Datasheet HTML 10Page - Sanyo Semicon Device LV5682P Datasheet HTML 11Page - Sanyo Semicon Device LV5682P Datasheet HTML 12Page - Sanyo Semicon Device LV5682P Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LV5682P
No.A1833-9/15
Recommended Operation Circuit
Peripheral parts list
Name of part
Description
Recommended value
Remarks
C1
Power supply bypass capacitor
100
μF or more
These capacitors must be placed near
the VCC and GND pins.
C2
Oscillation prevention capacitor
0.22
μF or more
C3
EXT output stabilization capacitor
2.2
μF or more
C4
ANT output stabilization capacitor
2.2
μF or more
C6, C9, C11, C13
Output stabilization capacitor
4.7
μF or more
Electrolytic capacitor *
C7, C10, C12, C14
Output stabilization capacitor
0.22
μF or more
Ceramic capacitor *
R1
Resistor for ILM voltage adjustment
ILM output voltage
R1:without = 12.0V
:270k
Ω = 10.0V
A resistor with resistance accuracy as
low as less than
±1% must be used.
R2, R3
Resistor for AUDIO voltage setting
R2/R3:30k
Ω/5.6kΩ = 8.0V
:27k
Ω/4.7kΩ = 8.5V
:24k
Ω/3.9kΩ = 9.0V
A resistor with resistance accuracy as
low as less than
±1% must be used.
D1, D2, D3, D4
Diode for internal device breakdown protection
Recommendation:
SBD1003M3(30V/1.0A)
* : In order to stabilize the regulator outputs, it is recommended that the electrolytic capacitor and ceramic capacitor be connected in parallel.
Moreover, the above-mentioned value doesn't guarantee the operation stability in use and the overcurrent protection operation by IOmax or more of the
regulator. Therefore, there is a possibility of oscillating by use conditions.
+
+
20
18
16
14
12
8
6
21
19
17
15
13
11
7
5
+
C5
C6
ILM
+
C9
C10
R3
CD
CTRL2
CTRL1
ACC
ACC5V
SW5V
R1
R2
+
C11
D4
C4
C3
D3
D2
D1
C12
VDD5V
ANT
EXT
+
C8
C7
AUDIO
+
C1
C2
VCC
LV5682P
4
3
2
1
9
10
22
23
24
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com