Electronic Components Datasheet Search
  English  ▼

X  

LV5682P Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LV5682P
Description  For Car Audio Systems Multi-Power Supply System IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5682P Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LV5682P Datasheet HTML 7Page - Sanyo Semicon Device LV5682P Datasheet HTML 8Page - Sanyo Semicon Device LV5682P Datasheet HTML 9Page - Sanyo Semicon Device LV5682P Datasheet HTML 10Page - Sanyo Semicon Device LV5682P Datasheet HTML 11Page - Sanyo Semicon Device LV5682P Datasheet HTML 12Page - Sanyo Semicon Device LV5682P Datasheet HTML 13Page - Sanyo Semicon Device LV5682P Datasheet HTML 14Page - Sanyo Semicon Device LV5682P Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
LV5682P
No.A1833-12/15
HZIP25 Heat sink attachment
Heat sinks are used to lower the semiconductor device junction temperature by leading the head generated by the device to
the outer environment and dissipating that heat.
a. Unless otherwise specified, for power ICs with tabs and power ICs with attached heat sinks, solder must not be
applied to the heat sink or tabs.
b. Heat sink attachment
· Use flat-head screws to attach heat sinks.
· Use also washer to protect the package.
· Use tightening torques in the ranges 39-59Ncm(4-6kgcm) .
· If tapping screws are used, do not use screws with a diameter larger
than the holes in the semiconductor device itself.
· Do not make gap, dust, or other contaminants to get between the
semiconductor device and the tab or heat sink.
· Take care a position of via hole .
· Do not allow dirt, dust, or other contaminants to get between the
semiconductor device and the tab or heat sink.
· Verify that there are no press burrs or screw-hole burrs on the heat sink.
· Warping in heat sinks and printed circuit boards must be no more than
0.05 mm between screw holes, for either concave or convex warping.
· Twisting must be limited to under 0.05 mm.
· Heat sink and semiconductor device are mounted in parallel.
Take care of electric or compressed air drivers
· The speed of these torque wrenches should never exceed 700 rpm, and
should typically be about 400 rpm.
c. Silicone grease
· Spread the silicone grease evenly when mounting heat sinks.
· Sanyo recommends YG-6260 (Momentive Performance Materials Japan LLC)
d. Mount
· First mount the heat sink on the semiconductor device, and then mount that assembly on the printed circuit board.
· When attaching a heat sink after mounting a semiconductor device into the printed circuit board, when tightening
up a heat sink with the screw, the mechanical stress which is impossible to the semiconductor device and the pin
doesn't hang.
e. When mounting the semiconductor device to the heat sink using jigs, etc.,
· Take care not to allow the device to ride onto the jig or positioning dowel.
· Design the jig so that no unreasonable mechanical stress is not applied to the semiconductor device.
f.
Heat sink screw holes
· Be sure that chamfering and shear drop of heat sinks must not be larger than the diameter of screw head used.
· When using nuts, do not make the heat sink hole diameters larger than the diameter of the head of the screws used.
A hole diameter about 15% larger than the diameter of the screw is desirable.
· When tap screws are used, be sure that the diameter of the holes in the heat sink are not too small. A diameter about
15% smaller than the diameter of the screw is desirable.
g. There is a method to mount the semiconductor device to the heat sink by using a spring band. But this method is not
recommended because of possible displacement due to fluctuation of the spring force with time or vibration.
Binding head
machine screw
Countersunk head
mashine screw
Heat sink
gap
Via hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com