Electronic Components Datasheet Search
  English  ▼

X  

LV5682P Datasheet(PDF) 15 Page - Sanyo Semicon Device

Part # LV5682P
Description  For Car Audio Systems Multi-Power Supply System IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5682P Datasheet(HTML) 15 Page - Sanyo Semicon Device

Back Button LV5682P Datasheet HTML 7Page - Sanyo Semicon Device LV5682P Datasheet HTML 8Page - Sanyo Semicon Device LV5682P Datasheet HTML 9Page - Sanyo Semicon Device LV5682P Datasheet HTML 10Page - Sanyo Semicon Device LV5682P Datasheet HTML 11Page - Sanyo Semicon Device LV5682P Datasheet HTML 12Page - Sanyo Semicon Device LV5682P Datasheet HTML 13Page - Sanyo Semicon Device LV5682P Datasheet HTML 14Page - Sanyo Semicon Device LV5682P Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
LV5682P
PS No.A1833-15/15
This catalog provides information as of May, 2012. Specifications and information herein are subject
to change without notice.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
0
30
10
5
20
15
25
500
1500
1000
2000
0
VCC=24V
-40 C
25 C
85 C
IO max
0
0
VCC=24V
-40 C
25 C
85 C
IO max
0
6
2
1
4
3
5
0.2
0.6
0.8
0.4
0
VCC=24V
0
2
1
4
3
0.2
0.6
0.8
0.4
1.0
0
VCC=24V
-40 C
25 C
85 C
IO max
85 C
-40 C
25 C
IO max
30
10
5
20
15
25
500
1500
1000
5
6
EXT output current [A]
ANT output current [A]
SW5V output current [A]
ACC5V output current [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com