Electronic Components Datasheet Search
  English  ▼

X  

W89C982 Datasheet(PDF) 8 Page - Winbond

Part # W89C982
Description  INTEGRATED MULTIPLE REPEATER II
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W89C982 Datasheet(HTML) 8 Page - Winbond

Back Button W89C982 Datasheet HTML 4Page - Winbond W89C982 Datasheet HTML 5Page - Winbond W89C982 Datasheet HTML 6Page - Winbond W89C982 Datasheet HTML 7Page - Winbond W89C982 Datasheet HTML 8Page - Winbond W89C982 Datasheet HTML 9Page - Winbond W89C982 Datasheet HTML 10Page - Winbond W89C982 Datasheet HTML 11Page - Winbond W89C982 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Preliminary W89C982AF
- 8 -
BLOCK DIAGRAM
Twisted Pair Line
Transceiver 1
Port Partition/
Reconnection
Logic
Rx MUX
PLL
Decoder
MUX
Timer and
Counters
.
.
.
.
Main state
Machine
and
Glue logic
FIFO
Control
Logic
FIFO
Inter-IMPR II
Interface
Preamble/
JAM
Generator
Jabber lockup and
Fragment extension
Logic
.
.
Twisted Pair Line
Transceiver 8
Encoder and
Transmitter
Logic
Tx MUX
Management
Logic
AUI
Interface
Management
Interface
Port status
direct report
FUNCTIONAL DESCRIPTION
The Integrated Multiple Port Repeater II implements the functions stipulated in the IEEE repeater
specifications, the functions specified by 10BASE-T standards, and functions for network
management. It provides an Inter-IMPR II interface to allow implementation of a repeater set with
more network ports. The block functions of the IMPR II are described below.
AUI Interface and Twisted Pair Line Transceiver
The AUI provides an interface for an external Medium Attached Unit (MAU) connected to the IMPR II.
The IMPR II can be used to connect a 10BASE2 or 10BASE5 Ethernet to a 10BASE-T Ethernet via a
coaxial transceiver. The Twisted Pair Line Transceiver provides the interface used to connect IEEE
802.3 LAN stations (Data Terminal Equipment, or DTEs) into Ethernet networks constructed from
twisted pair media. The Twisted Pair Line Transceiver also contains a link test function and
autopolarity reversal function for wiring detection.
Link Test Function
The link test function of the TP port is used to check whether the TP port is linked to an active TP
port. The TP port will enter link fail state if it does not receive any packets or link test pulses for more
than 60 mS, until it receives either six consecutive link pulses or a packet. When the TP port is in link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com