Electronic Components Datasheet Search
  English  ▼

X  

W89C982 Datasheet(PDF) 26 Page - Winbond

Part # W89C982
Description  INTEGRATED MULTIPLE REPEATER II
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W89C982 Datasheet(HTML) 26 Page - Winbond

Back Button W89C982 Datasheet HTML 20Page - Winbond W89C982 Datasheet HTML 21Page - Winbond W89C982 Datasheet HTML 22Page - Winbond W89C982 Datasheet HTML 23Page - Winbond W89C982 Datasheet HTML 24Page - Winbond W89C982 Datasheet HTML 25Page - Winbond W89C982 Datasheet HTML 26Page - Winbond W89C982 Datasheet HTML 27Page - Winbond W89C982 Datasheet HTML 28Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Preliminary W89C982AF
- 26 -
Link Test Timing
NO.
DESCRIPTION
FIG.
MIN.
TYP.
MAX.
UNIT
1
DT+ link pulse width
12
100
nS
2
Duration between transmitted link pulses
12
16
64
mS
3
Duration between received link pulses
12
3.8
64
mS
Link Test Timing Diagram
DT+
1
DT-
DD-
DD+
2
TX+/-
RX+/-
Transmitted Link Pulse
Received Link Pulse
3
Figure 12
AUI and DO+/- Switch Test Load
27 uH
78 ohm
270 ohm
DO+
DO-
270 ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com