Electronic Components Datasheet Search
  English  ▼

X  

W89C982 Datasheet(PDF) 18 Page - Winbond

Part # W89C982
Description  INTEGRATED MULTIPLE REPEATER II
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W89C982 Datasheet(HTML) 18 Page - Winbond

Back Button W89C982 Datasheet HTML 14Page - Winbond W89C982 Datasheet HTML 15Page - Winbond W89C982 Datasheet HTML 16Page - Winbond W89C982 Datasheet HTML 17Page - Winbond W89C982 Datasheet HTML 18Page - Winbond W89C982 Datasheet HTML 19Page - Winbond W89C982 Datasheet HTML 20Page - Winbond W89C982 Datasheet HTML 21Page - Winbond W89C982 Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Preliminary W89C982AF
- 18 -
AUI
PARAMETER
SYM.
MIN.
MAX.
UNIT
Input Current at CI+/-, DI+/- pairs
IIA
2
mA
Differential Output Voltage (DO+/-)
VDD
+/-550
+/-1200
mV
Differential Output Voltage Imbalance (DO+/-)
VOB
40
mV
Undershoot Voltage (DO+/-)
VU
100
mV
Differential Squelch Threshold (CI+/-, DI+/-)
VDS
-175
-300
mV
Differential Input Common Mode Voltage (DI+/-, CI+/-)
VCM
1
4.0
V
Twisted Pair
PARAMETER
SYM.
MIN.
TYP.
MAX.
UNI
T
Power Supply Voltage
VDD
4.5
5.0
5.5
V
Input Voltage
VIN
-0.3
VDD +0.3
RD+/- Differential Input Resistance
RTI
10
K
Ω
RD+/- Differential Input Voltage (VDD =
5V)
VTIV
±0.3
±3.1
V
RD+/- Squelched Threshold
VTPS
±300
±400
±585
mV
RD+/- low Squelched Threshold
VTPU
±150
±220
±300
mV
RD+/- Input Switching Threshold
VRDT
±5
±10
±20
mV
DT+, DT-, DD+, DD- Imbalance Voltage
VTDU
±40
mV
DT+, DT-, DD+, DD- High Output Voltage
VTOH
VDD TP -0.44
VDD TP
V
DT+, DT-, DD+, DD- Low Output Voltage
(I = 32 mA)
VTOL
VSS TP
VDD TP +0.44
V
DT+, DT-, DD+, DD- Output Current
ITO
32
mA
DT+, DT-, DD+, DD- Output Resistance
RTO
5
8
Ω
Pad Capacitance
CLD
7
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com