Electronic Components Datasheet Search
  English  ▼

X  

W91590AL Datasheet(PDF) 8 Page - Winbond

Part # W91590AL
Description  24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91590AL Datasheet(HTML) 8 Page - Winbond

Back Button W91590AL Datasheet HTML 4Page - Winbond W91590AL Datasheet HTML 5Page - Winbond W91590AL Datasheet HTML 6Page - Winbond W91590AL Datasheet HTML 7Page - Winbond W91590AL Datasheet HTML 8Page - Winbond W91590AL Datasheet HTML 9Page - Winbond W91590AL Datasheet HTML 10Page - Winbond W91590AL Datasheet HTML 11Page - Winbond W91590AL Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
W91590 SERIES
- 8 -
4.
OFF HOOK (or ON HOOK
&
HFI
),
D1
,
D2
,
…, Dn , S , S , Mn
or
Ln
a. D1, D2, ..., Dn will be stored in memory location and will be dialed out.
b. The
S
key must be pressed after completion of the dialing sequence.
5.
D1
,
D2
,
…,
Dn
,
S
,
S
,
i
,
j
D1, D2, ..., Dn will be stored in memory location Mij and will be dialed out.
6.
D1
,
D2
,
…,
Dn
,
S
,
S
,
MEMO
,
M0j
a. D1, D2, ..., Dn will be stored in memory location M10 to M19 and will be dialed out.
b. MEMO + M0j = M1j.
Repertory Dialing
1.
OFF HOOK (or ON HOOK
&
HFI
),
Mij
or
EMi
or
MER
2.
OFF HOOK (or ON HOOK
&
HFI
),
MEMO
,
i
,
j
3.
OFF HOOK (or ON HOOK
&
HFI
),
MEMO
,
M0j
Access Pause
OFF HOOK
(or
ON HOOK
&
HFI
),
D1
,
D2
,
R/P
,
D3
,
…, Dn
1. The pause function can be stored in memory.
2. The pause function is executed in normal dialing, redialing, or memory dialing.
3. The pause function timing diagram is shown in Figure 5.
Pulse-to-Tone (*/ T)
OFF HOOK
(or
ON HOOK
&
HFI
),
D1
,
D2
,
…, Dn ,
*/T
,
D1'
,
D2'
,
…,
Dn'
1. If the mode switch is set to pulse mode, then the output signal will be:
D1, D2, ..., Dn, Pause (3.6s) , D1', D2', ..., Dn'
(Pulse)
(Tone)
2. If the mode switch is set to tone mode, then the output signal will be:
D1, D2, ..., Dn, *
, D1', D2', ..., Dn'
(Tone)
(Tone) (Tone)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com