Electronic Components Datasheet Search
  English  ▼

X  

W91590AL Datasheet(PDF) 3 Page - Winbond

Part # W91590AL
Description  24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91590AL Datasheet(HTML) 3 Page - Winbond

  W91590AL Datasheet HTML 1Page - Winbond W91590AL Datasheet HTML 2Page - Winbond W91590AL Datasheet HTML 3Page - Winbond W91590AL Datasheet HTML 4Page - Winbond W91590AL Datasheet HTML 5Page - Winbond W91590AL Datasheet HTML 6Page - Winbond W91590AL Datasheet HTML 7Page - Winbond W91590AL Datasheet HTML 8Page - Winbond W91590AL Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
W91590 SERIES
Publication Release Date: July 1995
- 3 -
Revision A3
PIN DESCRIPTION
SYMBOL
22-PIN
24-PIN
28-PIN
I/O
FUNCTION
Column-
Row
Inputs
1
−7
&
18
−22
1
−7
&
20
−24
1
−8
&
24
−28
I
The keyboard input may be from either the
standard 9
× 5 keyboard or an inexpensive
single contact (form A) keyboard. Electronic
input from a
µC can also be used.
A valid key entry is defined by a single row
being connected to a single column.
XT, XT
9, 10
9, 10
11, 12
I, O A built-in inverter provides oscillation with an
inexpensive 3.579545 MHz crystal or
ceramic resonator.
T/P
MUTE
11
11
13
O The T/P MUTE is a conventional CMOS
N-channel open drain output.
The output transistor is switched on during
pulse and tone mode dialing sequence and
flash break. Otherwise, it is switched off.
HPM
MUTE
-
-
23
O The HPM MUTE is a conventional inverter
output. During pulse dialing, flash, hold, and
mercury mute functions, this pin will output
an active high. It remains in a low state at all
other times.
MODE
15
17
19
I
Pulling mode pin to VSS places the dialer in
tone mode.
Pulling mode pin to VDD places the dialer in
pulse mode (M/B = 2:3).
Leaving mode pin floating places the dialer
in pulse mode (M/B = 1:2).
HKS
12
14
16
I
Hook switch input.
HKS = 1: On-hook state. Chip in sleeping
mode, no operation.
HKS = 0: Off-hook state. Chip enabled for
normal operation.
HKS pin is pulled to VDD by internal resistor.
DP /C9
13
15
17
O N-channel open drain dialing pulse output
(Figure 1).
Flash key causes DP to go active when in
pulse mode and tone mode.
NC
17
(W91590)
19
(W91590A)
22
(W91590B/C)
-
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com