Electronic Components Datasheet Search
  English  ▼

X  

W91590AL Datasheet(PDF) 13 Page - Winbond

Part # W91590AL
Description  24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91590AL Datasheet(HTML) 13 Page - Winbond

Back Button W91590AL Datasheet HTML 9Page - Winbond W91590AL Datasheet HTML 10Page - Winbond W91590AL Datasheet HTML 11Page - Winbond W91590AL Datasheet HTML 12Page - Winbond W91590AL Datasheet HTML 13Page - Winbond W91590AL Datasheet HTML 14Page - Winbond W91590AL Datasheet HTML 15Page - Winbond W91590AL Datasheet HTML 16Page - Winbond W91590AL Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
W91590 SERIES
Publication Release Date: July 1995
- 13 -
Revision A3
DC CHARACTERISTICS
(VDD
−VSS = 2.5V, FOSC. = 3.58 MHz, Ta = 25
° C, all outputs unloaded)
PARAMETER
SYM.
CONDITIONS
MIN. TYP.
MAX.
UNIT
Operating Voltage
VDD
2.0
-
5.5
V
Operating Current
IOP
Tone
-
0.3
0.5
mA
Pulse
-
0.15
0.3
Standby Current
ISB
HKS = 0,
No load & No key entry
-
-
15
µA
Memory Retention Current
IMR
HKS = 1, VDD = 1.0V
-
-
0.2
µA
DTMF Output Voltage
VTO
Row group, RL = 5K
130
150
170
VrmS
Pre-emphasis
-
Col/Row, VDD = 2.0 to 5.5V
1
2
3
dB
DTMF Distortion
THD
RL = 5 K
Ω, VDD = 2.0 to
5.5V
-
-30
-23
dB
DTMF Output DC Level
VTDC
RL = 5 K
Ω, VDD = 2.0 to
5.5V
1.0
-
3.0
V
DTMF Output Sink Current
ITL
VTO = 0.5V
0.2
-
-
mA
DP Output Sink Current
IPL
VPO = 0.5V
0.5
-
-
mA
T/P MUTE Output Sink
Current
IML
VMO = 0.5V
0.5
-
-
mA
HPM MUTE Output Sink
Current
IHPML
VTO = 0.5V
0.5
-
-
mA
HPM MUTE Output drive
Current
IHPMH
VTH = 2.0V
0.5
-
-
mA
HKS I/P Pull High Resistor
RKH
-
300
500
K
Ω
Key Tone Output Current
IKTH
VKTH = 2.0V
0.5
-
-
mA
IKTL
VKTH = 0.5V
0.5
-
-
HFO Drive/Sink Current
IHFH
VHFH = 2.0V
0.5
-
-
mA
IHFL
VHFL = 0.5V
0.5
-
-
Keypad Input Drive Current
IKD
VI = 0V
30
-
-
µA
Keypad Input Sink Current
IKS
VI = 2.5V
200
400
-
µA
Keypad Resistance
-
-
5.0
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com