Electronic Components Datasheet Search
  English  ▼

X  

AS3802 Datasheet(PDF) 1 Page - ams AG

Part # AS3802
Description  CDMA/FM RECEIVE AGC AMPLIFIER AS3802
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3802 Datasheet(HTML) 1 Page - ams AG

  AS3802 Datasheet HTML 1Page - ams AG AS3802 Datasheet HTML 2Page - ams AG AS3802 Datasheet HTML 3Page - ams AG AS3802 Datasheet HTML 4Page - ams AG AS3802 Datasheet HTML 5Page - ams AG AS3802 Datasheet HTML 6Page - ams AG AS3802 Datasheet HTML 7Page - ams AG AS3802 Datasheet HTML 8Page - ams AG AS3802 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Data Sheet
AS3802
Rev. C
1/9
Nov. 98
CDMA/FM RECEIVE AGC
AMPLIFIER AS3802
Key Features
r
Supports dual mode operation.
r
-50 to +50db gain control guaranteed.
r
Single 3.6V supply.
r
Temperature and supply stabilized.
r
Power down feature.
r
80MHz to 250MHz operation.
r
Silicon BiCMOS process.
r
Miniature surface mount 16 pin, 150 mil SSOP
package.
Compatibility
The AS3802 is designed to be functionally or/and
pin compatible to the following products:
r
RF9907
(RF Micro Devices),
pin compat.
r
Q5500
(Qualcomm),
pin compat.
r
CXA3001N
(Sony)
General Description
The AS3802 is a gain controlled amplifier designed
for the receive section of dual mode CDMA/FDM,
TDMA/FDM or FM/FDM cellular phones.
Key specifications like gain range noise figure, IP3,
temperature range and other specifications are
designed to be in line with the IS-95 Standard for
CDMA cellular communications.
The
circuit
is
designed
for
narrow
band
IF
applications but can also be used in wideband
applications.
Applications
r
Digital cellular systems with receiving methods:
CDMA/FDM,
TDMA/FDM,
FM/FDM
and
TDMA/TDD.
r
Examples: IS-95 CDMA, IS-54 DAMPS, AMPS,
PWT.
r
Cordless phones analog/digital.
r
General purpose linear IF amp’s.
r
WLL / WLAN
SSOP-16
CDMA+
CDMA-
GND
FM+
FM-
GND
SEL
PWD
OUT-
OUT+
GND
GND
VCC
VCC
VCC
VCTRL
Austria Mikro Systeme International AG


Similar Part No. - AS3802

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3801 AMSCO-AS3801 Datasheet
75Kb / 7P
CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
More results

Similar Description - AS3802

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
RF2617 RFMD-RF2617 Datasheet
121Kb / 8P
3V CDMA/FM RECEIVE AGC AMPLIFIER
RF2619 RFMD-RF2619 Datasheet
114Kb / 8P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
3V CDMA RECEIVE AGC AMPLIFIER
RF2629 RFMD-RF2629 Datasheet
103Kb / 6P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF9957 RFMD-RF9957 Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
logo
ams AG
AS3801 AMSCO-AS3801 Datasheet
75Kb / 7P
CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
logo
RF Micro Devices
RF2637 RFMD-RF2637_06 Datasheet
102Kb / 8P
RECEIVE AGC AMPLIFIER
RF2637 RFMD-RF2637_1 Datasheet
242Kb / 10P
RECEIVE AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com