Electronic Components Datasheet Search
  English  ▼

X  

AS3802 Datasheet(PDF) 4 Page - ams AG

Part # AS3802
Description  CDMA/FM RECEIVE AGC AMPLIFIER AS3802
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3802 Datasheet(HTML) 4 Page - ams AG

  AS3802 Datasheet HTML 1Page - ams AG AS3802 Datasheet HTML 2Page - ams AG AS3802 Datasheet HTML 3Page - ams AG AS3802 Datasheet HTML 4Page - ams AG AS3802 Datasheet HTML 5Page - ams AG AS3802 Datasheet HTML 6Page - ams AG AS3802 Datasheet HTML 7Page - ams AG AS3802 Datasheet HTML 8Page - ams AG AS3802 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary Data Sheet
AS3802
Rev. A
4/9
Jul 98
Pin Description
Pin#
Symbol
Function
1
CDMA+
CDMA Positive Differential Input
2
CDMA-
CDMA Negative Differential Input
3
GND
Analog Ground
4
FM+
Single Ended Analog Input
5
FM-
Analog Ground Connection (RX FM Input Reference)
6
GND
Analog Ground
7
SEL
Select, CMOS Input
VSELECT>=3.4V, CDMA Mode Select
VSELECT<=0.5V, FM Mode Select
8
PWD
Power down, CMOS Input
VPWD-RX>=3.4V, RX-AGC Active
VPWD-RX<=0.5V, RX-AGC Off
9
OUT-
Analog Differential Output
10
OUT+
Analog Differential Output
11
GND
Analog Ground
12
GND
Analog Ground
13
VCC
VCC Power Supply
14
VCC
VCC Power Supply
15
VCC
VCC Power Supply
16
VCTRL
Analog Control Input
VCTRL=0.2V, Low Gain Rail; VCTRL=3V, High Gain Rail



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com