Electronic Components Datasheet Search
  English  ▼

X  

AS3802 Datasheet(PDF) 3 Page - ams AG

Part # AS3802
Description  CDMA/FM RECEIVE AGC AMPLIFIER AS3802
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3802 Datasheet(HTML) 3 Page - ams AG

  AS3802 Datasheet HTML 1Page - ams AG AS3802 Datasheet HTML 2Page - ams AG AS3802 Datasheet HTML 3Page - ams AG AS3802 Datasheet HTML 4Page - ams AG AS3802 Datasheet HTML 5Page - ams AG AS3802 Datasheet HTML 6Page - ams AG AS3802 Datasheet HTML 7Page - ams AG AS3802 Datasheet HTML 8Page - ams AG AS3802 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Preliminary Data Sheet
AS3802
Rev. A
3/9
Jul 98
RX AGC Electrical Characteristics
Parameter
min
typ
max
Unit
Note
Frequency Range
80-250
MHz
f-3dB=250MHz
Maximum Gain
50
dB
VG=3V
Minimum Gain
-50
dB
VG=0.2V
Noise Figure
6.5
dB
max Gain
Input IP3
-7
-14
dBm
dBm
min Gain FM
min Gain CDMA 1)
Output CP1
-25
dBm
Gain Var. in +/-630 kHz
bandwidth centered at 85MHz
+/-0.05
dB
Gain Slope Linearity
(over any 6dB segment)
+/- 3
dB
-32 to +72 deg.C
Gain Control Voltage Range
0.2-3
V
0.2V min Gain
3.0V max Gain
ref. To GND
Gain Control Input Impedance
16
k
Current Consumption
10
14
mA
Input Resistance
1k diff.
850 sing.
CDMA
FM
Output Impedance
500
500
Ω differential
outside
(Reff. =250
Ω)
CDMA to FM Isolation
30
dB
Power Down Mode
2)
Notes:
Measurements refered to 85MHz.
1) Two tone measurement is used.
f1=86MHz; f2=87MHz; SEL=High for CDMA mode, SEL=Low for FM mode.
2) High
≡Active, Low≡Power save, Input impedance ≥16kΩ.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com