Electronic Components Datasheet Search
  English  ▼

X  

LA4631VC Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA4631VC
Description  For Home Audio Use 2-Channel SE AF Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4631VC Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA4631VC Datasheet HTML 1Page - Sanyo Semicon Device LA4631VC Datasheet HTML 2Page - Sanyo Semicon Device LA4631VC Datasheet HTML 3Page - Sanyo Semicon Device LA4631VC Datasheet HTML 4Page - Sanyo Semicon Device LA4631VC Datasheet HTML 5Page - Sanyo Semicon Device LA4631VC Datasheet HTML 6Page - Sanyo Semicon Device LA4631VC Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
41812 SY 20120203-S00005 No.A2051-1/7
LA4631VC
Overview
The LA4631VC built-in a 2 channel single-ended output power amplifier that a power supply voltage range is wide and
has additionally the standby function to reduce the current drain. It is a power amplifier IC suitable for driving speaker of
various audio system equipments, which is especially useful for products that use batteries.
Functions
• Output power = 4.5W (typical)
(VCC = 12V, RL = 3Ω, THD+N = 10%)
• Built in standby function (Pin5)
• Built in thermal suht down circuit
Specifications
Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
With no input signal
24
V
Maximum output current
IO peak
Per channel
2.5
A
Allowable power dissipation
Pd max
With an infinitely large heat sink
25
W
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-40 to +150
°C
Operating Conditions
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
12
V
Recommended load resistance range
RL op
3 to 8
Ω
Allowable operating supply voltage range
VCC op
5.5 to 22
V
*: VCC, RL, and output level such that Pd max, is not exceeded for the size of heat sink used.
Monolithic Linear IC
For Home Audio Use
2-Channel SE AF Power Amplifier
Ordering number : ENA2051


Similar Part No. - LA4631VC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier
May, 2013
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
More results

Similar Description - LA4631VC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4275 SANYO-LA4275 Datasheet
42Kb / 2P
6.0 W AF Power Amplifier for Home Stereo, TV Use
LA4280 SANYO-LA4280 Datasheet
64Kb / 3P
2-Channel 10W AF Power Amp for Home Stereo, TV Use
LA4282 SANYO-LA4282 Datasheet
151Kb / 6P
2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
logo
List of Unclassifed Man...
2SD733 ETC-2SD733 Datasheet
94Kb / 1P
For AF Power Amplifier Use
logo
Sanyo Semicon Device
LA4635A SANYO-LA4635A Datasheet
34Kb / 3P
For General Audio Use 2-Channel BTL AF Power Amplifier
LA4631 SANYO-LA4631 Datasheet
153Kb / 6P
For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631-E SANYO-LA4631-E Datasheet
153Kb / 6P
For Audio Applications 5W 2-Channel AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier
May, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com