Electronic Components Datasheet Search
  English  ▼

X  

LA4631VC Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA4631VC
Description  For Home Audio Use 2-Channel SE AF Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4631VC Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA4631VC Datasheet HTML 1Page - Sanyo Semicon Device LA4631VC Datasheet HTML 2Page - Sanyo Semicon Device LA4631VC Datasheet HTML 3Page - Sanyo Semicon Device LA4631VC Datasheet HTML 4Page - Sanyo Semicon Device LA4631VC Datasheet HTML 5Page - Sanyo Semicon Device LA4631VC Datasheet HTML 6Page - Sanyo Semicon Device LA4631VC Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LA4631VC
No.A2051-5/7
10
20
40
110
0
2
4
6
12
12
0
18
68
10
24
22
4
Pd - PO (VCC=12V)
0
1
2
3
6
0
1
2
3
4
2
4
6
8
10
14
16
20
22
0
30
50
60
70
80
90
100
14
16
18
12
20
8
10
Pd - PO (VCC=9V)
ICC - PO (VCC=12V)
ICC - PO (VCC=9V)
4
5
0
200
400
600
1200
800
1000
0
200
400
600
1200
800
1000
ICCO -- VCC
PO -- VCC
THD -- PO
THD -- f
0.1
23
5
7
1.0
10
23
5
7
10
23 5 7 100 23 5 7 1k
23 5 7 10k 23 5 7 100k
0.1
2
3
5
7
1.0
2
3
5
7
10
0.1
2
3
5
7
1.0
2
3
5
7
10
f = 1kHz
f = 100Hz
f = 10kHz
0.1
23
5
7
1.0
10
23
5
7
0.1
23
5
7
1.0
10
23
5
7
0.1
23
5
7
1.0
10
23
5
7
0.1
23
5
7
1.0
10
23
5
7
VCC = 12V
f = 1kHz
VCC = 12V
f = 1kHz
VCC = 9V
f = 1kHz
VCC = 9V
f = 1kHz
Supply voltage, VCC -- V
Supply voltage, VCC -- V
Output power, PO -- W
Frequency, f -- Hz
Output power, PO -- W
Output power, PO -- W
Output power, PO -- W
Output power, PO -- W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com