Electronic Components Datasheet Search
  English  ▼

X  

LA4631VC Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA4631VC
Description  For Home Audio Use 2-Channel SE AF Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4631VC Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA4631VC Datasheet HTML 1Page - Sanyo Semicon Device LA4631VC Datasheet HTML 2Page - Sanyo Semicon Device LA4631VC Datasheet HTML 3Page - Sanyo Semicon Device LA4631VC Datasheet HTML 4Page - Sanyo Semicon Device LA4631VC Datasheet HTML 5Page - Sanyo Semicon Device LA4631VC Datasheet HTML 6Page - Sanyo Semicon Device LA4631VC Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LA4631VC
No.A2051-4/7
External Components and Usage Notes
C1, C2 : These are input coupling capacitors; we recommend a value of 1
μF or lower. The LA4631VC input pin
potential is about 1.4V, and the polarity must be considered due to the DC potential of the circuits connected
to the LA4631VC front end. The amplifier's startup time (the time from the point power is first applied until
the point an output is generated) will change proportionally with the values of these input capacitors. (When
1
μF capacitors are used, the startup time will be about 0.2 seconds.)
C3
: This capacitor is used as a ripple filter. We recommend a value of 100
μF. Amplifier impulse noise when
turned off (when the standby pin goes low) may be made worse if a value under 100
μF is used. The pin 1
voltage is about 1/2VCC. A DC mute function can be applied if pin 1 is connected to ground through a 300 to
500
Ω resistor. Note that the muting activation voltage will be too low if a resistor value of 750Ω or higher is
used.
C4
: This is an impulse noise prevention capacitor. The recommended value is 4.7
μF. If a value of 2.2μF or lower
is used for C4, impulse noise when the amplifier is turned off (when the standby pin goes low) may be made
worse. Also, if a value of 10
μF or higher is used, an "incomplete muting" phenomenon may occur when the
amplifier is turned off (when the standby pin goes low).
C5
: Power supply capacitor. This capacitor should be located as close as possible to the IC (to minimize
increases in the power supply line impedance) to achieve stable amplifier operation.
C6, C7 : Output capacitors. These capacitors influence the amplifiers low band frequency characteristics. (fc =
1/2
πCout×RL)
fc = low band cutoff frequency, Cout = C6, C7
(Reference) Pin 5 Equivalent Circuit Inside IC
(Reference) Pin 5 IC internal equivalent circuit
Standby
applied
voltage Vx
+
Rx
Ix
Ix=max 4.5mA
5
STBY
R2
2k
Ω
• The amplifier can be turned on and off by controlling the level (high/low) of Pin 5.
• Applying a signal equal or greater than 1.5V and 800μA to Pin 5 turns on the amplifier. (If 5V is applied directly to
Pin 5 the inflow current od Pin 5 is approximately 4.5mA.)
• If a voltage, Vx, exceeding 5V is to be applied, current limiting resistor (Rx) should be inserted to limit the inflow
current to 4.5mA. (See following equation.)
Rx = (Vx – 5V)/4.5mA
• If Pin 5 is to be controlled by the microprocessor, the Pin 5 inflow current (Ix) should be optimized for the capacity
of the microprocessor by calculating Rx using the following equation, as a general guideline, and then confirming
the inflow current through sctual measurement.
Rx = (Vx/Ix) – R1 (2k
Ω)
Note: When apply voltage to standby (Pin 5), please add resistor (Rx).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com