Electronic Components Datasheet Search
  English  ▼

X  

TSM921 Datasheet(PDF) 6 Page - Touchstone Semiconductor Inc

Part # TSM921
Description  Ultra-Low-Power, Single/Dual-Supply Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM921 Datasheet(HTML) 6 Page - Touchstone Semiconductor Inc

Back Button TSM921 Datasheet HTML 2Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 9Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 10Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TSM921-TSM924
Page 6
TSM921_24DS r1p0
RTFDS
ELECTRICAL CHARACTERISTICS
– 3V OPERATION
V+ = 3V, V- = GND = 0V; TA = -40ºC to +85ºC, unless otherwise noted. Typical values are at TA = +25ºC. See Note 1.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Supply Current
IN+ = IN- + 100mV
TSM921;
HYST = REF
TA = +25°C
2.4
3.0
μA
TA = -40°C to +85°C
3.8
TSM922
TA = +25°C
2.4
3.0
TA = -40°C to +85°C
3.8
TSM923
HYST = REF
TA = +25°C
3.4
4.3
TA = -40°C to +85°C
6
TSM924
TA = +25°C
5.2
6.2
TA = -40°C to +85°C
8.0
COMPARATOR
Input Offset Voltage
VCM = 1.5V
±10
mV
Input Leakage Current (IN-, IN+)
IN+ = IN- = 1.5V
TA = -40°C to +85°C
±0.01
±5
nA
Input Leakage Current (HYST)
TSM921, TSM923
±0.02
nA
Input Common-Mode Voltage Range
V-
V+
– 1.3V
V
Common-Mode Rejection Ratio
V- to (V+
– 1.3V)
0.2
1
mV/V
Power-Supply Rejection Ratio
V+ = 2.5V to 11V
0.1
1
mV/V
Voltage Noise
100Hz to 100kHz
20
μV
RMS
Hysteresis Input Voltage Range
TSM921, TSM923
REF- 0.05V
REF
V
Response Time
TA = +25°C; 100pF load
Overdrive = 10mV
14
μs
Overdrive = 100mV
5
Output High Voltage
TA = -40°C to +85°C: IOUT = 10mA
V+
– 0.4
V
Output Low Voltage
TSM922, TSM923
TA = -40°C to +85°C: IOUT = 0.8mA
V- + 0.4
V
TSM921, TSM924
TA = -40°C to +85°C: IOUT = 0.8mA
GND + 0.4
V
REFERENCE
Reference Voltage
TA = 0°C to +70°C
1.170
1.182
1.194
V
TA = -40°C to +85°C
1.158
1.206
V
Source Current
TA = +25°C
15
25
μA
TA = -40°C to +85°C
6
Sink Current
TA = +25°C
8
15
μA
TA = -40°C to +85°C
4
Voltage Noise
100Hz to 100kHz
100
μV
RMS
Note 1: All specifications are 100% tested at TA = +25°C. Specification limits over temperature (TA = TMIN to TMAX) are guaranteed by
device characterization, not production tested.
Note 2: The TSM924 comparator operates below 2.5V
. Refer to the “Low-Voltage Operation: V+ = 1.5V (TSM924 Only)
” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com