Electronic Components Datasheet Search
  English  ▼

X  

TSM921 Datasheet(PDF) 10 Page - Touchstone Semiconductor Inc

Part # TSM921
Description  Ultra-Low-Power, Single/Dual-Supply Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM921 Datasheet(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TSM921 Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 9Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 10Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 11Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 12Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 13Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 14Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TSM921-TSM924
Page 10
TSM921_24DS r1p0
RTFDS
PIN FUNCTIONS
PIN
NAME
FUNCTION
TSM921
TSM922
TSM923
1
—
—
GND
Ground. Connect to V- for single-supply operation. Output swings
from V+ to GND.
—
1
1
OUTA
Comparator A Output. Sinks and sources current. Swings from V+
to V-.
2
2
2
V-
Negative Supply Voltage. Connect to ground for single-supply
operation.
3
—
—
IN+
Comparator Noninverting Input
—
3
3
INA+
Comparator A Noninverting Input
4
—
—
IN-
Comparator Inverting Input
—
4
—
INA-
Comparator A Inverting Input
—
5
4
INB-
Comparator B Inverting Input
5
—
5
HYST
Hysteresis Input. Connect to REF if not used. Input voltage range is
from VREF to (VREF - 50mV).
6
—
6
REF
1.182V Reference Output with respect to V-.
—
6
—
INB+
Comparator B Noninverting Input
7
7
7
V+
Positive Supply Voltage
8
—
—
OUT
Comparator Output. Sinks and sources current. Swings from V+ to
GND.
8
8
OUTB
Comparator B Output. Sinks and sources current. Swings from V+
to V-.
PIN
NAME
FUNCTION
TSM924
1
OUTB
Comparator B Output. Sinks and sources current. Swings
from V+ to GND.
2
OUTA
Comparator A Output. Sinks and sources current. Swings
from V+ to GND.
3
V+
Positive Supply Voltage
4
INA-
Comparator A Inverting Input
5
INA+
Comparator A Noninverting Input
6
INB-
Comparator B Inverting Input
7
INB+
Comparator B Noninverting Input
8
REF
1.182V Reference Output with respect to V-.
9
V-
Negative Supply Voltage. Connect to ground for single-
supply operation.
10
INC-
Comparator C Inverting Input
11
INC+
Comparator C Noninverting Input
12
IND-
Comparator D Inverting Input
13
IND+
Comparator D Noninverting Input
14
GND
Ground. Connect to V- for single-supply operation.
15
OUTD
Comparator D Output. Sinks and sources current. Swings
from V+ to GND.
16
OUTC
Comparator C Output. Sinks and sources current. Swings
from V+ to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com