Electronic Components Datasheet Search
  English  ▼

X  

TSM921 Datasheet(PDF) 16 Page - Touchstone Semiconductor Inc

Part # TSM921
Description  Ultra-Low-Power, Single/Dual-Supply Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM921 Datasheet(HTML) 16 Page - Touchstone Semiconductor Inc

Back Button TSM921 Datasheet HTML 11Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 12Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 13Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 14Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 15Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 16Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 17Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 18Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 19Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
TSM921-TSM924
Page 16
TSM921_24DS r1p0
RTFDS
Figure 6. Bar-Graph Level Gauge
In this
example, a 1MΩ, 1% standard value
resistor is selected for R3.
6.
Using the equations below, verify all resistor
values selected:
VOTH (VREF + VHYS) x
R1 + R2 + R3
R1
= 5.474V
VOTH (VREF VHYS) x
R1 + R2 + R3
(R1+R2)
4.484V
Where the hysteresis voltage is given by:
VHYS VREF x
R5
R4
Bar-Graph Level Gauge
A simple four-stage level detector is shown in
Figure 6 using the TSM924. Due to its high output
source capability, the TSM921 is perfect for driving
LEDs. When all of the LEDs are on, the threshold
voltage is set by resistors R1 and R2 where VIN =(R1
+ R2)/R1 volts. All other threshold voltages are
scaled down accordingly by ¾, ½, and ¼ the
threshold voltage. The current through the LEDs is
limited by the output resistors.
Level Shifter
Figure 7 provides a simple way to shift from bipolar
±5V inputs to TTL signals by using the TSM924. To
protect the comparator inputs,
10kΩ resistors are
placed in series and do not have an effect on the
performance of the circuit.
Figure 7. Level Shifter: ±5V Input into CMOS output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com