Electronic Components Datasheet Search
  English  ▼

X  

MJ10023 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MJ10023
Description  40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10023 Datasheet(HTML) 5 Page - Motorola, Inc

  MJ10023 Datasheet HTML 1Page - Motorola, Inc MJ10023 Datasheet HTML 2Page - Motorola, Inc MJ10023 Datasheet HTML 3Page - Motorola, Inc MJ10023 Datasheet HTML 4Page - Motorola, Inc MJ10023 Datasheet HTML 5Page - Motorola, Inc MJ10023 Datasheet HTML 6Page - Motorola, Inc MJ10023 Datasheet HTML 7Page - Motorola, Inc MJ10023 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MJ10022 MJ10023
5
Motorola Bipolar Power Transistor Device Data
SWITCHING TIMES NOTE
In resistive switching circuits, rise, fall, and storage times
have been defined and apply to both current and voltage
waveforms since they are in phase. However, for inductive
loads which are common to SWITCHMODE power supplies
and hammer drivers, current and voltage waveforms are not
in phase. Therefore, separate measurements must be made
on each waveform to determine the total switching time. For
this reason, the following new terms have been defined.
tsv = Voltage Storage Time, 90% IB1 to 10% VCEM
trv = Voltage Rise Time, 10–90% VCEM
tfi = Current Fall Time, 90–10% ICM
tti = Current Tail, 10–2% ICM
tc = Crossover Time, 10% VCEM to 10% ICM
An enlarged portion of the inductive switching waveform is
shown in Figure 7 to aid on the visual identity of these terms.
For the designer, there is minimal switching loss during
storage time and the predominant switching power losses
occur during the crossover interval and can be obtained us-
ing the standard equation from AN–222A:
PSWT = 1/2 VCCIC(tc)f
In general, trv + tfi ` tc. However, at lower test currents this
relationship may not be valid.
As is common with most switching transistors, resistive
switching is specified at 25
_C and has become a benchmark
for designers. However, for designers of high frequency con-
verter circuits, the user orinented specifications which make
this a “SWITCHMODE” transistor are the inductive switching
speeds (tc and tsv) which are guaranteed at 100_C.
2.0
5.0
10
20
40
0.4
1.0
0.02
0.05
0.1
0.2
0.5
1.0
2.0
Figure 10. Typical Turn–On Switching Times
IC, COLLECTOR CURRENT (AMPS)
2.0
5.0
10
20
40
Figure 11. Typical Turn–Off Switching Times
IC, COLLECTOR CURRENT (AMPS)
Figure 12. Thermal Response
t, TIME (ms)
1.0
0.01
0.1
0.1
1.0
10
100
10000
R
θJC(t) = r(t) RθJC
R
θJC = 0.7°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
SINGLE PULSE
1000
0.02
0.05
0.1
0.2
0.5
1.0
2.0
tf
VCC = 250 V
IC/IB1 = 20
TJ = 25°C
ts
td
tr
0.4
1.0
VCC = 250 V
IC/IB1 = 20
VBE(off) = 5 V
D = 0.5
0.5
0.2
0.05
DUTY CYCLE, D = t1/t2
0.2
0.1
RESISTIVE SWITCHING



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com