Electronic Components Datasheet Search
  English  ▼

X  

AD1833 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1833
Description  Multichannel 24-Bit, 192 kHz, DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1833 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1833 Datasheet HTML 6Page - Analog Devices AD1833 Datasheet HTML 7Page - Analog Devices AD1833 Datasheet HTML 8Page - Analog Devices AD1833 Datasheet HTML 9Page - Analog Devices AD1833 Datasheet HTML 10Page - Analog Devices AD1833 Datasheet HTML 11Page - Analog Devices AD1833 Datasheet HTML 12Page - Analog Devices AD1833 Datasheet HTML 13Page - Analog Devices AD1833 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
AD1833
–10–
Table VIII. DAC Control II
Function
Address
Reserved
*
Reserved
*
Mute Control
15–12
11
10
9–6
5
4
3
2
1
0
0001
0
0
0
Channel 6
Channel 5
Channel 4
Channel 3
Channel 2
Channel 1
0 = Mute Off
0 = Mute Off 0 = Mute Off
0 = Mute Off
0 = Mute Off 0 = Mute Off
1 = Mute On
1 = Mute On 1 = Mute On
1 = Mute On
1 = Mute On 1 = Mute On
*Must be programmed to zero.
DAC CONTROL REGISTER II
DAC Control Register II contains individual channel mute
controls for each of the 6 DACs. Default operation (bit = 0) is
muting off. Bits 9 through 6 of Control Register II are reserved
and should be programmed to zero, see Table VIII.
Table IX. Muting Control
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Muting
XXXXX1
Mute Channel 1
XXXX1
X
Mute Channel 2
XXX1
XX
Mute Channel 3
X
X
1
X
X
X
Mute Channel 4
X1
XXXX
Mute Channel 5
1
XXXXX
Mute Channel 6
DAC CONTROL REGISTER III
Stereo Replicate
The AD1833 allows the stereo information on Channel 1
(SDIN1—Left 1 and Right 1) to be copied to Channels 2 and 3
(Left/Right 2 and Left/Right 3). These signals can be used in an
external summing amplifier to increase potential signal SNR.
Stereo Replicate mode can be enabled by writing to Control
Bit 5, see Table XI. Note that replication is not reflected in
the zero flag status.
Table XI. Stereo Replicate
Bit 5
Stereo Mode
0
Normal
1
Channel 1 Data Replicated on Channels 2 and 3
Table X. DAC Control III
Function
Stereo Replicate
Address
Reserved
*
Reserved
*
(192 kHz)
MCLK Select
Zero Detect
Reserved
15–12
11
10
9–6
5
4–3
2
1–0
1000
0
0
0
0 = Normal
00 = 256
× f
S (MCLK
× 2)
0 = Active High
1 = Replicate
01 = 512
× f
S (MCLK
1 = Active Low
Straight Through)
10 = 768
× f
S (MCLK
× 2/3)
*Must be programmed to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com