Electronic Components Datasheet Search
  English  ▼

X  

AD1819 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1819
Description  AC??7 SoundPort Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1819 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1819 Datasheet HTML 3Page - Analog Devices AD1819 Datasheet HTML 4Page - Analog Devices AD1819 Datasheet HTML 5Page - Analog Devices AD1819 Datasheet HTML 6Page - Analog Devices AD1819 Datasheet HTML 7Page - Analog Devices AD1819 Datasheet HTML 8Page - Analog Devices AD1819 Datasheet HTML 9Page - Analog Devices AD1819 Datasheet HTML 10Page - Analog Devices AD1819 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD1819B
–7–
REV. 0
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1819B features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
Parameter
Min
Max
Units
Power Supplies
Analog (AVDD)
–0.3
6.0
V
Digital (DVDD)
–0.3
6.0
V
Input Current (Except Supply Pins)
±10.0
mA
Analog Input Voltage (Signal Pins)
–0.3
AVDD + 0.3 V
Digital Input Voltage (Signal Pins)
–0.3
DVDD + 0.3 V
Ambient Temperature (Operating)
–40
+85
°C
Storage Temperature
–65
+150
°C
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option*
AD1819BJST –40
°C to +85°C 48-Terminal LQFP ST-48
*ST = Thin Quad Flatpack.
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating
TAMB = TCASE – (PD
× θ
CA)
TCASE = Case Temperature in
°C
PD = Power Dissipation in W
θ
CA = Thermal Resistance (Case-to-Ambient)
θ
JA = Thermal Resistance (Junction-to-Ambient)
θ
JC = Thermal Resistance (Junction-to-Case)
Package
JA
JC
CA
LQFP
76.2
°C/W
17
°C/W
59.2
°C/W
BIT_CLK
SYNC
tHOLD
SDATA_OUT
tSETUP
Figure 4. Data Setup and Hold
BIT_CLK
SYNC
SDATA_IN
tRISECLK
tRISESYNC
tRISEDIN
tRISEDOUT
tFALLCLK
tFALLSYNC
tFALLDIN
tFALLDOUT
SDATA_OUT
Figure 5. Signal Rise and Fall Time
BIT_CLK
SDATA_OUT
SYNC
SDATA_IN
SLOT 1
SLOT 2
WRITE
TO 0x26
DATA
PR4
DON’T
CARE
tS2_PDOWN
NOTE: BIT_CLK NOT TO SCALE
Figure 6. AC-Link, Link Low Power Mode Timing
RESET
SDATA_OUT
HI-Z
tSETUP2RST
tOFF
SDATA_IN, BIT_CLK
Figure 7. ATE Test Mode
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com