Electronic Components Datasheet Search
  English  ▼

X  

AD1819 Datasheet(PDF) 22 Page - Analog Devices

Part # AD1819
Description  AC??7 SoundPort Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1819 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD1819 Datasheet HTML 18Page - Analog Devices AD1819 Datasheet HTML 19Page - Analog Devices AD1819 Datasheet HTML 20Page - Analog Devices AD1819 Datasheet HTML 21Page - Analog Devices AD1819 Datasheet HTML 22Page - Analog Devices AD1819 Datasheet HTML 23Page - Analog Devices AD1819 Datasheet HTML 24Page - Analog Devices AD1819 Datasheet HTML 25Page - Analog Devices AD1819 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD1819B
–22–
REV. 0
TAG Phase Bit Assignments:
Bit (15)
Codec Ready
Bit (14)
Slot 1 Valid
Bit (13)
Slot 2 Valid
Bit (12)
Slot 3 Valid/ADC Left Data Is Valid on Slot 3
Bit (11)
Slot 4 Valid/ADC Right Data Is Valid on Slot 4
Bit (10)
Slot 5 Valid/ADC Left Data Slave 1 Valid on Slot 5
Bit (9)
Slot 6 Valid/ADC Right Data Slave 1 Valid on Slot 6
Bit (8)
Slot 7 Valid/ADC Left Data Slave 2 Valid on Slot 7
Bit (7)
Slot 8 Valid/ADC Right Data Slave 2 Valid on Slot 8
Bit (6:0)
Not Used
Slot 1: Status Address Port
The status port is used to monitor status for AD1819B functions including, but not limited to, mixer settings and power
management.
Audio input frame Slot 1’s stream echoes the control register index, for historical reference, for the data to be returned in Slot 2
(assuming that Slots 1 and 2 had been tagged “valid” by the AD1819B during Slot 0).
Status Address Port Bit Assignments:
Bit (19)
RESERVED
(Stuffed with 0)
Bit (18:12)
Control Register Index
(Echo of Register Index for Which Data Is Being Returned)
Bit (11)
DAC Request Slot 3
(0 = Request, 1 = No Request)
Bit (10)
DAC Request Slot 4
(0 = Request, 1 = No Request)
Bit (9)
DAC Request Slot 5
(0 = Request, 1 = No Request); Slave 1
Bit (8)
DAC Request Slot 6
(0 = Request, 1 = No Request); Slave 1
Bit (7)
DAC Request Slot 7
(0 = Request, 1 = No Request); Slave 2
Bit (6)
DAC Request Slot 8
(0 = Request, 1 = No Request); Slave 2
Bit (5:0)
RESERVED
(Stuffed with 0s)
The first bit (MSB) generated by the AD1819B is always stuffed with a 0. The following 7-bit positions communicate the associated
control register address, and the trailing 12-bit positions are stuffed with 0s by the AD1819B.
Slot 2: Status Data Port
The status data port delivers 16-bit control register read data.
Bit (19:4)
Control Register Read Data
(Stuffed with 0s If Tagged “Invalid” by AD1819B)
Bit (3:0)
RESERVED
(Stuffed with 0s)
If Slot 2 is tagged “invalid” by the AD1819B, the entire slot will be stuffed with 0s by the AD1819B.
Slot 3: PCM Record Left Channel
Audio input frame Slot 3 is the left channel output of the AD1819B’s input MUX, post-ADC.
AD1819B transmits its ADC output data (MSB first), and stuffs the trailing nonvalid bit positions with 0s to fill out its 20-bit time slot.
Slot 4: PCM Record Right Channel
Audio input frame Slot 4 is the right channel output of the AD1819B’s input MUX, post-ADC.
AD1819B transmits its ADC output data (MSB first), and stuffs the trailing nonvalid bit positions with 0s to fill out its 20-bit time slot.
Slot 5–Slot 8: Multicodec Communication
• Slot 5 Slave 1 PCM Record Left Channel
• Slot 6 Slave 1 PCM Record Right Channel
• Slot 7 Slave 2 PCM Record Left Channel
• Slot 8 Slave 2 PCM Record Right Channel
Slot 9–Slot 12: Reserved
Audio input frame Slots 9–12 are reserved for future use and are always stuffed with 0s by the AD1819B.
AC-Link Low Power Mode
The AC-Link signals can be placed in a low power mode. When the AD1819B’s Power-Down Register (26h) is programmed to the
appropriate value, both BIT_CLK and SDATA_IN will be brought to a logic low voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com