Electronic Components Datasheet Search
  English  ▼

X  

AD1819 Datasheet(PDF) 18 Page - Analog Devices

Part # AD1819
Description  AC??7 SoundPort Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1819 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1819 Datasheet HTML 14Page - Analog Devices AD1819 Datasheet HTML 15Page - Analog Devices AD1819 Datasheet HTML 16Page - Analog Devices AD1819 Datasheet HTML 17Page - Analog Devices AD1819 Datasheet HTML 18Page - Analog Devices AD1819 Datasheet HTML 19Page - Analog Devices AD1819 Datasheet HTML 20Page - Analog Devices AD1819 Datasheet HTML 21Page - Analog Devices AD1819 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD1819B
–18–
REV. 0
Sample Rate 0 (Index 78h)
g
e
R
m
u
N
e
m
a
N5
1
D4
1
D3
1
D2
1
D1
1
D0
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Dt
l
u
a
f
e
D
h
8
70
e
t
a
R
e
l
p
m
a
S5
1
0
R
S4
1
0
R
S3
1
0
R
S2
1
0
R
S1
1
0
R
S0
1
0
R
S9
0
R
S8
0
R
S7
0
R
S6
0
R
S5
0
R
S4
0
R
S3
0
R
S2
0
R
S1
0
R
S0
0
R
Sh
0
8
B
B
SR0 [15:0]
Writing to this register allows the user to program the sampling frequency from 7 kHz (1B58h) to 48 kHz (BB80h)
in 1 Hz increments. Programming a value greater than 48 kHz or less than 7 kHz may cause unpredictable results.
Sample Rate 1 (Index 7Ah)
g
e
R
m
u
N
e
m
a
N5
1
D4
1
D3
1
D2
1
D1
1
D0
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Dt
l
u
a
f
e
D
h
A
71
e
t
a
R
e
l
p
m
a
S5
1
1
R
S4
1
1
R
S3
1
1
R
S2
1
1
R
S1
1
1
R
S0
1
1
R
S9
1
R
S8
1
R
S7
1
R
S6
1
R
S5
1
R
S4
1
R
S3
1
R
S2
1
R
S1
1
R
S0
1
R
Sh
0
8
B
B
SR1 [15:0]
Writing to this register allows the user to program the sampling frequency from 7 kHz (1B58h) to 48 kHz (BB80h)
in 1 Hz increments. The sample rate may be multiplied by 8/7 or 10/7 by setting Bits D6 and D5 in Register 76h.
Vendor ID (Index 7Ch–7Eh)
g
e
R
m
u
N
e
m
a
N5
1
D4
1
D3
1
D2
1
D1
1
D0
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Dt
l
u
a
f
e
D
h
C
71
D
I
r
o
d
n
e
V7
F6
F5
F4
F3
F2
F1
F0
F7
S6
S5
S4
S3
S2
S1
S0
Sh
4
4
1
4
S [7:0]
This register is ASCII encoded to “A.”
F [7:0]
This register is ASCII encoded to “D.”
g
e
R
m
u
N
e
m
a
N5
1
D4
1
D3
1
D2
1
D1
1
D0
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Dt
l
u
a
f
e
D
h
E
72
D
I
r
o
d
n
e
V7
T6
T5
T4
T3
T2
T1
T0
T7
V
E
R6
V
E
R5
V
E
R4
V
E
R3
V
E
R2
V
E
R1
V
E
R0
V
E
Rh
3
0
3
5
T [7:0]
This register is ASCII encoded to “S.”
REV [7:0]
Revision Register field contains the revision number.
These bits are read-only and should be verified before accessing vendor-defined features.
DIGITAL INTERFACE
AD1819B AC-Link Digital Serial Interface Protocol
The AD1819B incorporates an AC'97 5-pin digital serial interface that links it to a digital controller. AC-Link is a bidirectional, fixed
rate, serial PCM digital stream. It handles multiple input, and output audio streams, as well as control register accesses employing a
time division multiplexed (TDM) scheme. The AC-Link architecture divides each audio frame into 12 outgoing and 12 incoming
data streams, up to 20-bit sample resolution. The AD1819B uses 16-bit samples. The data streams include:
AC ’97 Protocol
•
TAG
1 Input and Output
•
Control
2 Output Slots
Control Register Write Port
•
Status
2 Input Slots
Control Register Read Port
•
PCM Playback
2 Output Slots
2-Channel Composite PCM Output Stream
•
PCM Record Data
2 Input Slots
2-Channel Composite PCM Input Stream
Synchronization of all AC-Link data transactions is signaled by the AC’97 controller. The AD1819B drives the serial bit clock onto
AC-Link, which the AC’97 controller then qualifies with a synchronization signal to construct audio frames.
SYNC, which is fixed at 48 kHz, is derived by dividing down the serial bit clock (BIT_CLK) by 256. The BIT_CLK is fixed at
12.288 MHz. AC-Link serial data is updated on each rising edge of BIT_CLK. The receiver of AC-Link data, the AD1819B for outgo-
ing data and the AC’97 controller for incoming data, samples each serial bit on the falling edge of BIT_CLK. SYNC must remain
high for a minimum of 1 BIT_CLK up to a maximum duration of 16 BIT_CLKs at the beginning of each audio frame. The first 16
bits of the audio frame is defined as the “Tag Phase.” The remainder of the audio frame is the “Data Phase.” The AD1819B uses
SYNC to define the beginning of the audio frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com