Electronic Components Datasheet Search
  English  ▼

X  

AD1862 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1862
Description  Ultralow Noise 20-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1862 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1862 Datasheet HTML 4Page - Analog Devices AD1862 Datasheet HTML 5Page - Analog Devices AD1862 Datasheet HTML 6Page - Analog Devices AD1862 Datasheet HTML 7Page - Analog Devices AD1862 Datasheet HTML 8Page - Analog Devices AD1862 Datasheet HTML 9Page - Analog Devices AD1862 Datasheet HTML 10Page - Analog Devices AD1862 Datasheet HTML 11Page - Analog Devices AD1862 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD1862
–11–
REV. A
OTHER DIGITAL AUDIO COMPONENTS AVAILABLE
FROM ANALOG DEVICES
AD1856 16-Bit Audio DAC
Complete, No External Components Required
0.0025% THD
Low Cost
16-Pin DIP or SOIC Package
Standard Pinout
AD1860 18-Bit Audio DAC
Complete, No External Components Required
0.002% THD+N
108 dB Signal-to-Noise Ratio
16-Pin DIP or SOIC Package
AD1864 Dual 18-Bit Audio DAC
Complete, No External Components
0.002% THD+N
115 dB Channel Separation
24-Pin DIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
16-BIT
LATCH
16-BIT
DAC
SERIAL
INPUT
REGISTER
CONTROL
LOGIC
AD1856
I
OUT
V
S
–
DGND
NC
CLK
LE
DATA
V
L
–
V
L
+
NC NO CONNECT
=
V
S
+
TRIM
MSB ADJ
I
OUT
AGND
SJ
R
F
V
OUT
NC NO CONNECT
=
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18-BIT
LATCH
18-BIT
DAC
SERIAL
INPUT
REGISTER
CONTROL
LOGIC
AD1860
I
OUT
V
S
–
DGND
NC
CLK
LE
DATA
V
L
+
V
S
+
TRIM
MSB ADJ
I
OUT
AGND
SJ
R
F
V
OUT
V
L
–
V
S
–
1
2
3
4
5
6
7
8
9
10
11
12
TRIM
MSB
I
OUT
AGND
SJ
R
F
V
OUT
V
+
L
DR
LR
CK
18-BIT
LATCH
REFERENCE
20
18-BIT
LATCH
DGND
V
L
–
V
S
+
TRIM
MSB
I
OUT
AGND
SJ
R
F
V
OUT
13
14
15
16
DL
LL
17
18
19
21
22
23
24
REFERENCE
18-BIT
DAC
18-BIT
DAC
AD1864



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com