Electronic Components Datasheet Search
  English  ▼

X  

AD1862 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1862
Description  Ultralow Noise 20-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1862 Datasheet(HTML) 4 Page - Analog Devices

  AD1862 Datasheet HTML 1Page - Analog Devices AD1862 Datasheet HTML 2Page - Analog Devices AD1862 Datasheet HTML 3Page - Analog Devices AD1862 Datasheet HTML 4Page - Analog Devices AD1862 Datasheet HTML 5Page - Analog Devices AD1862 Datasheet HTML 6Page - Analog Devices AD1862 Datasheet HTML 7Page - Analog Devices AD1862 Datasheet HTML 8Page - Analog Devices AD1862 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD1862
–4–
REV. A
ABSOLUTE MAXIMUM RATINGS*
VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +13.2 V
–VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS to 0 V
VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +13.2 V
–VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . –13.2 to 0 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 to +0.3 V
Digital Inputs to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 to VL
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C, 10 sec
Storage Temperature . . . . . . . . . . . . . . . . . . –60
°C to +100°C
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1862 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN CONFIGURATION
PIN DESIGNATIONS
Pin
Function
Description
11–VS
Bias Capacitor
12–VS
Analog Negative Supply
13
TRIM
Trim Pot Connection
14+VL
Positive Logic Supply
15
CLK
External Clock Input
16
LE
Latch Enable Input
17
D
Data Input
18–VL
Negative Logic Supply
19
DGND
Digital Ground
10
RF
Feedback Resistor
11
IOUT
Output Current
12
AGND
Analog Ground
13
NR1
Reference Capacitor
14
ADJ
Midscale Adjust
15
NR2
Bias Capacitor
16
+VS
Positive Analog Supply
ORDERING GUIDE
Operating
Temperature
Package
Model
Range
THD+N @ FS
SNR
Option*
AD1862N
–25
°C to +70°C –92 dB, 0.0025% 110 dB
N-16
AD1862N-J
–25
°C to +70°C –96 dB, 0.0016% 113 dB
N-16
*N = Plastic DIP.
AD1862
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
–V
S
TRIM
+V
L
CLK
LE
DATA
NR2
ADJ
NR1
AGND
IOUT
R
F
DGND
–V
S
–V
L
+V
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com