Electronic Components Datasheet Search
  English  ▼

X  

AD1862 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1862
Description  Ultralow Noise 20-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1862 Datasheet(HTML) 2 Page - Analog Devices

  AD1862 Datasheet HTML 1Page - Analog Devices AD1862 Datasheet HTML 2Page - Analog Devices AD1862 Datasheet HTML 3Page - Analog Devices AD1862 Datasheet HTML 4Page - Analog Devices AD1862 Datasheet HTML 5Page - Analog Devices AD1862 Datasheet HTML 6Page - Analog Devices AD1862 Datasheet HTML 7Page - Analog Devices AD1862 Datasheet HTML 8Page - Analog Devices AD1862 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD1862–SPECIFICATIONS
Min
Typ
Max
Units
RESOLUTION
20
Bits
DIGITAL INPUTS VIH
2.0
4.0
V
VIL
0.4
0.8
V
IIH @ VIH = 4.0 V
1.0
µA
IIL @ VIL = 0.4 V
–10
µA
Maximum Clock Input Frequency
17
MHz
ACCURACY
Gain Error
±2
%
Midscale Output Error
±2
±5
µA
TOTAL HARMONIC DISTORTION + NOISE (EIAJ)
1
0 dB, 990.5 Hz
AD1862N-J
–98 (0.0012)
–96 (0.0016)
dB (%)
AD1862N
–94 (0.0019)
–92 (0.0025)
dB (%)
–20 dB, 990.5 Hz AD1862N, N-J
–84 (0.0063)
–80 (0.01)
dB (%)
–60 dB, 990.5 Hz AD1862N, N-J
–45 (0.56)
–42 (0.8)
dB (%)
D-Range, –60 dB, A-Weight Filter
102
dB
SIGNAL-TO-NOISE RATIO
2: (EIAJ)1
A-Weight Filter
AD1862N-J
113
119
dB
AD1862N
110
119
dB
GAIN LINEARITY
@ –90 dB
AD1862N-J
±1dB
AD1862N
±1dB
OUTPUT CURRENT
Bipolar Range
±1mA
Tolerance
±1
2
%
Output Impedance (
±30%)
2.1
k
Ω
Settling Time
350
ns
FEEDBACK RESISTOR
Value
3k
Ω
Tolerance
±1
2
%
POWER SUPPLY
Voltage
VL and –VL
4.75
12.0
13.2
±V
Voltage
VS and –VS
10.8
12.0
13.2
±V
Current
+I, VL and VS = 12 V, 17 MHz Clock
11
15
mA
–I, –VL and –VS = –12 V, 17 MHz Clock
13
16
mA
POWER DISSIPATION
VL and VS = 12 V, –VL and –VS = –12 V, 17 MHz Clock
288
372
mW
TEMPERATURE RANGE
Specification
+25
°C
Operation
–25
+70
°C
Storage
–60
+100
°C
NOTES
1Test Method complies with EIAJ Standard CP-307.
2The signal-to-noise measurement includes noise contributed by the SE5534A op amp used in the test fixture but does not include the noise contributed by the low
pass filter used in the test fixture.
Specifications in boldface are tested on all production units at final electrical test.
Specifications subject to change without notice.
REV. A
–2–
(TA at +25 C and
12 V supplies, see Figure 10 for test circuit schematic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com