Electronic Components Datasheet Search
  English  ▼

X  

AD1868 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1868
Description  Single Supply Dual 18-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1868 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1868 Datasheet HTML 3Page - Analog Devices AD1868 Datasheet HTML 4Page - Analog Devices AD1868 Datasheet HTML 5Page - Analog Devices AD1868 Datasheet HTML 6Page - Analog Devices AD1868 Datasheet HTML 7Page - Analog Devices AD1868 Datasheet HTML 8Page - Analog Devices AD1868 Datasheet HTML 9Page - Analog Devices AD1868 Datasheet HTML 10Page - Analog Devices AD1868 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD1868
REV. A
–7–
TIMING
Figure 10 illustrates the specific timing requirements that must
be met in order for the data transfer to be accomplished prop-
erly. The input pins of the AD1868 are TTL and 5 V CMOS
compatible.
The maximum clock rate of the AD1868 is specified to be at
least 13.5 MHz. This clock rate allows data transfer rates of 2
×,
4
×, 8×, and 16× F
S (where FS equals 44.1 kHz). The applica-
tions section of this data sheet contains additional guidelines for
using the AD1868.
LSB
(18th BIT)
>15ns
CLK
> 74./ ns
>10ns
>30ns
>30ns
DATA
LATCH
ENABLE (LE)
>60ns
>40ns
>40ns
>30ns
BITS CLOCKED
TO SHIFT REGISTER
2nd BIT
MSB
1st BIT
NEXT
WORD
>10ns
INTERNAL DAC INPUT REGISTER
UPDATED WITH 18 MOST RECENT BITS
Figure 10. Input Signal Timing
APPLICATIONS OF THE AD1868
The AD1868 is a high performance audio DAC specifically de-
signed for portable and automotive digital audio applications.
These market segments have technical requirements fundamen-
tally different than those found in the high-end or home-use
market segments. Portable equipment must rely on components
which require low amounts of power to offer reasonable playing
times. Also, battery voltages drop as the end of the discharge
cycle is approached. The AD1868’s ability to operate from a
single +5 V supply makes it a good choice for battery-operated
gear. As the battery voltage drops, the power dissipation of the
AD1868 drops. This extends the usable battery life. Finally, as
the battery supply voltage drops, the bias voltages and signal
swings also drop, preventing signal clipping and abrupt degra-
dation of distortion. Figure 3 illustrates that THD+N perfor-
mance of the AD1868 remains constant through a wide range
of supply voltages.
Automotive equipment rely on components which are able to
consistently perform in a wide range of temperatures. In addi-
tion, due to the limited space available in automotive applica-
tions, small size is essential. The AD1868 is able to satisfy both
of these requirements. The device has guaranteed specified per-
formance between 0
°C and +70°C, and the 16-pin DIP or 16-
pin SOIC package is particularly attractive where overall size is
important.
Since the AD1868 provides dc bias voltages, the entire signal
chain can be dc-coupled. This eliminate ac-coupling capacitors
from the signal path, improving low frequency performance and
lowering system cost and size.
In summary, the AD1868 is an excellent choice for battery op-
erated portable or automotive digital audio systems. In the fol-
lowing sections, some examples of high performance audio
applications featuring the AD1868 are described.
AD1868 with Sony CXD2550P Digital Filter
Figure 11 illustrates an 18-bit CD player design incorporating
an AD1868 DAC, a Sony CXD2550P digital filter and 2-pole
antialias filters. This high performance, single supply design op-
erates at 8
× F
S and is suitable for portable and automotive ap-
plications. In this design, the CXD2550P filter transmits left
and right channel digital data to the AD1868. The left and
right latch signals, LL and LR, are both provided by the word
clock signal (LRCKO) of the digital filter. The digital data is
converted to low distortion output voltages by the output
amplifiers on the AD1868. Also, no deglitching circuitry or
external adjustments are required. Bypass capacitors, noise
reduction capacitors and the antialias filter details are omitted
for clarity.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
LL
DL
CK
DR
LR
DGND
NRL
AGND
NRR
V
L
V
BR
AD1868
1
2
3
4
5
6
7
8
11
12
13
14
15
16
18
17
TEST
SLOT
LRCK0
CXD2550P
9
10
V
DD
BCKO
DATAR
DATAL
1
2
3
4
5
6
8
7
AGND
V
S
LEFT
CHANNEL
OUTPUT
RIGHT
CHANNEL
OUTPUT
+5V POWER
SUPPLY
8Fs/4Fs
INIT
V
SS
V
S
V
OR
V
OL
V
BL
V
S
Figure 11. AD1868 with Sony CXD2550P Digital Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com