Electronic Components Datasheet Search
  English  ▼

X  

AD1868 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1868
Description  Single Supply Dual 18-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1868 Datasheet(HTML) 3 Page - Analog Devices

  AD1868 Datasheet HTML 1Page - Analog Devices AD1868 Datasheet HTML 2Page - Analog Devices AD1868 Datasheet HTML 3Page - Analog Devices AD1868 Datasheet HTML 4Page - Analog Devices AD1868 Datasheet HTML 5Page - Analog Devices AD1868 Datasheet HTML 6Page - Analog Devices AD1868 Datasheet HTML 7Page - Analog Devices AD1868 Datasheet HTML 8Page - Analog Devices AD1868 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD1868
REV. A
–3–
Typical Performance of the AD1868
–30
–40
–50
–60
–70
–80
–90
–100
0.5
2.5
4.5
6.5
8.5
10.5
12.5
14.5
FREQUENCY – kHz
–20dB
–60dB
0dB
16.5
18.5
20.5
Figure 1. THD+N vs. Frequency
–20
–30
–40
–50
–60
–70
–80
–90
4.4
4.6
4.8
5.0
5.2
5.4
VOLTAGE SUPPLY
–60dB
–20dB
0dB
Figure 3. THD+N vs. Supply Voltage
–60
–80
–100
140
–50
–30
–10
10
30
50
70
90
110
130
–20
–40
60dB
–
20dB
–
0dB
TEMPERATURE – °C
Figure 5. THD+N vs. Temperature
150
140
130
120
110
100
FREQUENCY – Hz
103
104
Figure 2. Channel Separation vs. Frequency
8
6
4
2
0
–2
–4
–6
0
INPUT AMPLITUDE – dB
–100
–80
–60
–40
–10
–20
0°C
25°C
70°C
Figure 4. Gain Linearity Error vs. Input Amplitude
90
80
70
60
50
40
SUPPLY MODULATION FREQUENCY – Hz
102
103
104
105
Figure 6. Power Supply Rejection Ratio vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com