Electronic Components Datasheet Search
  English  ▼

X  

AD1885 Datasheet(PDF) 16 Page - Analog Devices

Part # AD1885
Description  AC??7 SoundMAX Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1885 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1885 Datasheet HTML 12Page - Analog Devices AD1885 Datasheet HTML 13Page - Analog Devices AD1885 Datasheet HTML 14Page - Analog Devices AD1885 Datasheet HTML 15Page - Analog Devices AD1885 Datasheet HTML 16Page - Analog Devices AD1885 Datasheet HTML 17Page - Analog Devices AD1885 Datasheet HTML 18Page - Analog Devices AD1885 Datasheet HTML 19Page - Analog Devices AD1885 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
AD1885
–16–
REV. 0
Record Select Control Register (Index 1Ah)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
A
1h
A
1 h
A
1 h
A
1h
A
1t
c
e
l
e
S
d
r
o
c
e
Rt
c
e
l
e
S
d
r
o
c
e
R
t
c
e
l
e
S
d
r
o
c
e
R
t
c
e
l
e
S
d
r
o
c
e
Rt
c
e
l
e
S
d
r
o
c
e
RX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
X2
S
L2
S
L 2
S
L 2
S
L2
S
L1
S
L1
S
L 1
S
L 1
S
L1
S
L0
S
L0
S
L 0
S
L 0
S
L0
S
LX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
X2
S
R2
S
R 2
S
R 2
S
R2
S
R1
S
R1
S
R 1
S
R 1
S
R1
S
R0
S
R0
S
R 0
S
R 0
S
R0
S
Rh
0
0
0
0h
0
0
0
0
h
0
0
0
0
h
0
0
0
0h
0
0
0
0
RS[2:0]
Right Record Select
LS[2:0]
Left Record Select.
Used to select the record source independently for right and left. See table for legend.
The default value is 0000h, which corresponds to MIC in.
RS2 . . . RS0
Right Record Source
0
MIC
1
CD_R
2
VIDEO_R
3
AUX_R
4
LINE_IN_R
5
Stereo Mix (R)
6
Mono Mix
7
PHONE_IN
LS2 . . . LS0
Left Record Source
0
MIC
1
CD_L
2
VIDEO_L
3
AUX_L
4
LINE_IN_L
5
Stereo Mix (L)
6
Mono Mix
7
PHONE_IN
Record Gain (Index 1Ch)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
C
1h
C
1 h
C
1 h
C
1h
C
1n
i
a
G
d
r
o
c
e
Rn
i
a
G
d
r
o
c
e
R
n
i
a
G
d
r
o
c
e
R
n
i
a
G
d
r
o
c
e
Rn
i
a
G
d
r
o
c
e
RM
IM
IM
IM
IM
IX
X
X
X
XX
X
X
X
XX
X
X
X
X3
M
I
L3
M
I
L
3
M
I
L
3
M
I
L3
M
I
L2
M
I
L2
M
I
L
2
M
I
L
2
M
I
L2
M
I
L1
M
I
L1
M
I
L
1
M
I
L
1
M
I
L1
M
I
L0
M
I
L0
M
I
L
0
M
I
L
0
M
I
L0
M
I
LX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
X3
M
I
R3
M
I
R
3
M
I
R
3
M
I
R3
M
I
R2
M
I
R2
M
I
R
2
M
I
R
2
M
I
R2
M
I
R1
M
I
R1
M
I
R
1
M
I
R
1
M
I
R1
M
I
R0
M
I
R0
M
I
R
0
M
I
R
0
M
I
R0
M
I
Rh
0
0
0
8h
0
0
0
8
h
0
0
0
8
h
0
0
0
8h
0
0
0
8
RIM[3:0]
Right Input Mixer Gain Control. Each LSB represents 1.5 dB, 0000 = 0 dB and the range is 0 dB to +22.5 dB.
LIM[3:0]
Left Input Mixer Gain Control. Each LSB represents 1.5 dB, 0000 = 0 dB and the range is 0 dB to +22.5 dB.
IM
Input Mute.
0 = Unmuted,
1 = Muted or –
∞ dB gain.
IM
xIM3 . . . xIM0
Function
0
1111
+22.5 dB Gain
0
0000
0 dB Gain
1
xxxxx
–
∞ dB Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com