Electronic Components Datasheet Search
  English  ▼

X  

AD1886A Datasheet(PDF) 10 Page - Analog Devices

Part # AD1886A
Description  AC??7 SoundMAX Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1886A Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1886A Datasheet HTML 6Page - Analog Devices AD1886A Datasheet HTML 7Page - Analog Devices AD1886A Datasheet HTML 8Page - Analog Devices AD1886A Datasheet HTML 9Page - Analog Devices AD1886A Datasheet HTML 10Page - Analog Devices AD1886A Datasheet HTML 11Page - Analog Devices AD1886A Datasheet HTML 12Page - Analog Devices AD1886A Datasheet HTML 13Page - Analog Devices AD1886A Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. 0
AD1886A
–10–
RESET
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
M 0x02
MM
MMM
M 0x06
S 0x20
MIX
M 0x02
MM
A 0x02
LMV
MS
0
1
S 0x20
OSCILLATORS
M 0x0C
PHM
GA 0x0C
PHV
A 0x0A
PCV
M 0x0A
PCM
GM 0x1C
RIM
IM
GM 0x1C
LIM
IM
LS/RS (0)
LS (4)
RS (4)
LS (3)
RS (3)
LS (1)
RS (1)
LS/RS (6)
RS (5)
LS (2)
RS (2)
S 0x1A
S
E
L
E
C
T
O
R
LS/RS (7)
LS (5)
3D 0x20
SWITCH
M 0x14
VM
M 0x12
CM
M 0x16
AM
M 0x10
LM
M 0x0E
MCM
3D 0x22
POP3D
GM 0x1C
LIV
IM
GA 0x14
LVV
RVV
GA 0x16
LCV
RCV
GA 0x12
LAV
RAV
GA 0x10
LLV
RLA
GA 0x0E
MCV
GAM 0
x18
LOV
OM
ROV
OM
GM 0x1C
RIV
IM
16-BIT
-
A/D
16-BIT
-
A/D
16-BIT
-
D/A
16-BIT
-
D/A
3D 0x22
POP3D
0
1
A 0x02
RMV
A 0x06
MMV
MONO_OUT
HP_OUT_L
LINE_OUT_R
PC_BEEP
MIC1
MIC2
AUX
CD
VIDEO
0dB/20dB
M20 0x0E
XTL_OUT
XTL_IN
PHONE_IN
LINE_IN
AD1886A
0x3A
0x2A
0x28
0x72
SPDIF
JACK SENSE
0x72
SPDIF
JS
GAM 0
x18
D
A
M
0x04
HPM
0x04
LHV
LINE_OUT_L
HP_OUT_R
0x04
HPM
0x04
RHV
Figure 8. Block Diagram Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com