Electronic Components Datasheet Search
  English  ▼

X  

AD1886A Datasheet(PDF) 27 Page - Analog Devices

Part # AD1886A
Description  AC??7 SoundMAX Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1886A Datasheet(HTML) 27 Page - Analog Devices

Back Button AD1886A Datasheet HTML 20Page - Analog Devices AD1886A Datasheet HTML 21Page - Analog Devices AD1886A Datasheet HTML 22Page - Analog Devices AD1886A Datasheet HTML 23Page - Analog Devices AD1886A Datasheet HTML 24Page - Analog Devices AD1886A Datasheet HTML 25Page - Analog Devices AD1886A Datasheet HTML 26Page - Analog Devices AD1886A Datasheet HTML 27Page - Analog Devices AD1886A Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
REV. 0
AD1886A
–27–
AC-COUPLING
TO CODEC MIC1 OR MIC2 INPUT
FROM CODEC VREFOUT
MIC INPUT
1
2
3
4
5
J1
EMC
COMPONENTS
C1
470pF
C2
470pF
L2 600Z
L1 600Z
MIC BIAS
C3
0.22 F
R1
2.2k
Figure 16. Recommended Microphone Input Connections
TO CODEC MIC1 OR MIC2 INPUT
FROM CODEC VREFOUT
AC-COUPLING
MIC INPUT
1
2
3
4
5
J1
EMC
COMPONENTS
C1
470pF
C2
470pF
L2 600Z
L1 600Z
MIC BIAS
AVDD
U1
PREAMP
AD8531
AC-COUPLING
C3
0.22 F
R1
2.2k
R3
100k
R2
10k
C4
0.22 F
Figure 17. Microphone with Additional External Preamp (20 dB Gain)
LINE OUTPUT CONNECTIONS
The AD1886A Codec provides stereo LINE_OUT signals at a standard 1 V rms level. These signals must be ac-coupled before they
can be connected to an external load. After the ac-coupling, a minimal resistive load is recommended to keep the capacitors properly
biased and reduce clicks and pops when plugging stereo equipment into the output jack. The capacitor values should be selected to
provide a desired frequency response, taking into account the nominal impedance of the external load. To meet the PC99 specifica-
tion for PCs, testing must be performed with a 10 k
Ω load, therefore a minimum of 1 µF value is recommended to achieve less than
–3 dB roll-off at 20 Hz.
FROM CODEC LINE_OUT_R
FROM CODEC LINE_OUT_L
J1
L1 600Z
L2 600Z
STEREO LINE_OUT JACK
C1
470pF
C2
470pF
C3
1 F
C4
1 F
R1
47k
R2
47k
Figure 18. Recommended LINE_OUT Connections
PC BEEP INPUT CONNECTIONS
The recommended PC BEEP input circuit is shown below. Under most cases the PC_BEEP signal should be attenuated, filtered and
then ac-coupled into the Codec.
TO CODEC PC_BEEP INPUT
PC_BEEP (FROM ICH)
R1
10k
C2
0.1 F
C1
0.1 F
R2
1k
Figure 19. Recommended PC_BEEP Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com