Electronic Components Datasheet Search
  English  ▼

X  

AD1886A Datasheet(PDF) 23 Page - Analog Devices

Part # AD1886A
Description  AC??7 SoundMAX Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1886A Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1886A Datasheet HTML 19Page - Analog Devices AD1886A Datasheet HTML 20Page - Analog Devices AD1886A Datasheet HTML 21Page - Analog Devices AD1886A Datasheet HTML 22Page - Analog Devices AD1886A Datasheet HTML 23Page - Analog Devices AD1886A Datasheet HTML 24Page - Analog Devices AD1886A Datasheet HTML 25Page - Analog Devices AD1886A Datasheet HTML 26Page - Analog Devices AD1886A Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
REV. 0
AD1886A
–23–
DVDD1
XTL_IN
XTL_OUT
DVSS1
SDATA_OUT
BIT_CLK
DVSS2
SDATA_IN
DVDD2
SYNC
RESET
PC_BEEP
LINE_OUT_R
LINE_OUT_L
CX3D
RX3D
FILT_L
FILT_R
AFILT2
AFILT1
VREFOUT
VREF
AVSS1
AVDD1
AD1886A
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
0.1 F
+
10 F
47
47pF
24.576MHz
22pF
22pF
SDATA_OUT
SDATA_IN
SYNC
RESET
BIT_CLK
0.1 F
DVDD
0.1 F
10 F
U1
0.1 F
AVDD
10 F
+
0.1 F
270pF NPO
270pF NPO
0.1 F
47nF
+
1 F
+
1 F
FB
600Z
NOTE
ALL UNUSED ANALOG INPUTS (LINE_IN_L/R, VIDEO_L/R,
MIC1, MIC2, PC_BEEP, PHONE_IN, AND CD_L/R/GND)
MUST BE LEFT UNCONNECTED.
NOTE
IF NOT USED, GROUND
JACK SENSE PIN.
(PIN 47)
NC = NO CONNECT
AVDD
NC NC
NC
Figure 9. Recommended Power Connections, Decoupling and Support Components
SPDIF TRANSMITTER OUTPUT CONNECTION
The codec SPDIF output is located on Pin 48. This pin has a weak internal pull-up that allows detection of SPDIF connector
hardware at power-up and automatically enables or disables the SPDIF transmitter. This feature allows system manufacturers to
populate or depopulate SPDIF connector hardware according to their requirements.
When the output pin is simply left open (NC) or strapped high by a pull-up resistor, the internal sense circuitry disables the
SPDIF transmitter. This condition prevents the SPDIF enable bit on Register 2Ah from being enabled.
When the output pin is strapped low by a pull-down resistor (10 k
Ω or less), the SPDIF transmitter is enabled and the SPDIF
enable bit on Register 2Ah can be asserted.
The following circuits (Figure 10 and Figure 11) describe two ways to provide an SPDIF connection to the codec.
INPUT
VCC
LED
GND
NC
NC
U1
TOTX173
TOSLINK
5
6
R1
8.2k
C1
0.1 F
5V
(LOGIC)
R2
10k
SPDIF OUT
(CODEC PIN 48)
4
3
2
1
NC = NO CONNECT
Figure 10. SPDIF Output Connection Using Optical Link
SPDIF OUT
(CODEC PIN 48)
U1A
1
2
R3
10k
15
48
T1
1:1
R2
110
R2
240
3.3V BUFFER
(CAPABLE OF
12mA DRIVE)
J1
RCA JACK
Figure 11. SPDIF Output Connection Using Electrical Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com