Electronic Components Datasheet Search
  English  ▼

X  

AD5124 Datasheet(PDF) 34 Page - Analog Devices

Part # AD5124
Description  The AD5124/AD5144/AD5144A potentiometers provide a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5124 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD5124 Datasheet HTML 28Page - Analog Devices AD5124 Datasheet HTML 29Page - Analog Devices AD5124 Datasheet HTML 30Page - Analog Devices AD5124 Datasheet HTML 31Page - Analog Devices AD5124 Datasheet HTML 32Page - Analog Devices AD5124 Datasheet HTML 33Page - Analog Devices AD5124 Datasheet HTML 34Page - Analog Devices AD5124 Datasheet HTML 35Page - Analog Devices AD5124 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD5124/AD5144/AD5144A
Data Sheet
Rev. A | Page 34 of 36
ORDERING GUIDE
Model1, 2
RAB (kΩ)
Resolution
Interface
Temperature Range
Package Description
Package Option
AD5124BCPZ10-RL7
10
128
SPI/I2C
−40°C to +125°C
24-Lead LFCSP_WQ
CP-24-10
AD5124BCPZ100-RL7
100
128
SPI/I2C
−40°C to +125°C
24-Lead LFCSP_WQ
CP-24-10
AD5124BRUZ10
10
128
SPI
−40°C to +125°C
20-lead TSSOP
RU-20
AD5124BRUZ100
100
128
SPI
−40°C to +125°C
20-lead TSSOP
RU-20
AD5124BRUZ10-RL7
10
128
SPI
−40°C to +125°C
20-lead TSSOP
RU-20
AD5124BRUZ100-RL7
100
128
SPI
−40°C to +125°C
20-lead TSSOP
RU-20
AD5144BCPZ10-RL7
10
256
SPI/I2C
−40°C to +125°C
24-Lead LFCSP_WQ
CP-24-10
AD5144BCPZ100-RL7
100
256
SPI/I2C
−40°C to +125°C
24-Lead LFCSP_WQ
CP-24-10
AD5144BRUZ10
10
256
SPI
−40°C to +125°C
20-lead TSSOP
RU-20
AD5144BRUZ100
100
256
SPI
−40°C to +125°C
20-lead TSSOP
RU-20
AD5144BRUZ10-RL7
10
256
SPI
−40°C to +125°C
20-lead TSSOP
RU-20
AD5144BRUZ100-RL7
100
256
SPI
−40°C to +125°C
20-lead TSSOP
RU-20
EVAL-AD5144DBZ
Evaluation Board
AD5144ABRUZ10
10
256
I2C
−40°C to +125°C
20-lead TSSOP
RU-20
AD5144ABRUZ100
100
256
I2C
−40°C to +125°C
20-lead TSSOP
RU-20
AD5144ABRUZ10-RL7
10
256
I2C
−40°C to +125°C
20-lead TSSOP
RU-20
AD5144ABRUZ100-RL7
100
256
I2C
−40°C to +125°C
20-lead TSSOP
RU-20
1
Z = RoHS Compliant Part.
2
The evaluation board is shipped with the 10 kΩ RAB resistor option; however, the board is compatible with both of the available resistor value options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com