Electronic Components Datasheet Search
  English  ▼

X  

AD1890 Datasheet(PDF) 17 Page - Analog Devices

Part # AD1890
Description  SamplePort Stereo Asynchronous Sample Rate Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1890 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1890 Datasheet HTML 12Page - Analog Devices AD1890 Datasheet HTML 13Page - Analog Devices AD1890 Datasheet HTML 14Page - Analog Devices AD1890 Datasheet HTML 15Page - Analog Devices AD1890 Datasheet HTML 16Page - Analog Devices AD1890 Datasheet HTML 17Page - Analog Devices AD1890 Datasheet HTML 18Page - Analog Devices AD1890 Datasheet HTML 19Page - Analog Devices AD1890 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD1890/AD1891
REV. 0
–17–
–80.00
–100.0
–120.0
–110.0
–90.00
–95.00
–105.0
–115.0
–85.00
100
20k
10k
1k
20
FREQUENCY – Hz
Figure 17a. AD1890—THD+N vs. Frequency, 48 kHz Input
Sample Frequency, 44.1 kHz Output Sample Frequency,
Full-Scale Input Signal
–90.00
–110.0
–130.0
–120.0
–100.0
–105.0
–115.0
–125.0
–95.00
0.0
–90.0
–100
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
20kHz
1kHz
AMPLITUDE – dBFS
Figure 18a. AD1890—THD+N vs. Input Amplitude,
44.1 kHz Input Sample Frequency, 48 kHz Output Sample
Frequency, 1 kHz and 20 kHz Tones
100
20k
10k
1k
20
FREQUENCY – Hz
–120.0
–80.00
–100.0
–110.0
–90.00
–95.00
–105.0
–115.0
–85.00
Figure 17b. AD1891—THD+N vs. Frequency, 48 kHz Input
Sample Frequency, 44.1 kHz Output Sample Frequency,
Full-Scale Input Signal
0.0
–90.0
–100
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
1kHz
AMPLITUDE – dBFS
–96.00
–100.00
–98.00
–94.00
–95.00
–97.00
–99.00
–92.00
–93.00
–90.00
–91.00
20kHz
Figure 18b. AD1891—THD+N vs. Input Amplitude,
44.1 kHz Input Sample Frequency, 48 kHz Output Sample
Frequency, 1 kHz and 20 kHz Tones
10.000
8.0000
6.0000
4.0000
2.0000
0.0
–2.000
–4.000
–6.000
–8.000
–10.00
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
FREQUENCY – Hz
44.1k
40k
35k
30k
25k
Figure 19. AD1890/AD1891 Digital Filter Signal Transfer Function, 10 kHz to
20 kHz, 44.1 kHz Input Sample Frequency, 44.1, 40, 35, 30 and 25 kHz
Output Sample Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com