Electronic Components Datasheet Search
  English  ▼

X  

AD1890 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1890
Description  SamplePort Stereo Asynchronous Sample Rate Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1890 Datasheet(HTML) 2 Page - Analog Devices

  AD1890 Datasheet HTML 1Page - Analog Devices AD1890 Datasheet HTML 2Page - Analog Devices AD1890 Datasheet HTML 3Page - Analog Devices AD1890 Datasheet HTML 4Page - Analog Devices AD1890 Datasheet HTML 5Page - Analog Devices AD1890 Datasheet HTML 6Page - Analog Devices AD1890 Datasheet HTML 7Page - Analog Devices AD1890 Datasheet HTML 8Page - Analog Devices AD1890 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD1890/AD1891–SPECIFICATIONS
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltage
+5.0
V
Ambient Temperature
25
°C
MCLK
20
MHz
Load Capacitance
100
pF
All minimums and maximums tested except as noted.
PERFORMANCE (Guaranteed over 0
°C ≤ T
A ≤ 70°C, VDD = 5.0 V ± 10%, 8 MHz ≤ MCLK ≤ 20 MHz)
Min
Max
Units
AD1890 Dynamic Range (20 Hz to 20 kHz, –60 dB Input)†
120
dB
AD1891 Dynamic Range (20 Hz to 20 kHz, –60 dB Input)†
96
dB
Total Harmonic Distortion + Noise†
dB
AD1890 and AD1891 (20 Hz to 20 kHz, Full-Scale Input,
FSOUT/FSIN Between 0.5 and 2.0)
–94
dB
AD1890 (1 kHz Full-Scale Input, FSOUT/FSIN Between 0.7 and 1.4)
–106
dB
AD1890 (10 kHz Full-Scale Input, FSOUT/FSIN Between 0.7 and 1.4)
–100
dB
AD1891 (1 kHz Full-Scale Input, FSOUT/FSIN Between 0.7 and 1.4)
–96
dB
AD1891 (10 kHz Full-Scale Input, FSOUT/FSIN Between 0.7 and 1.4)
–95
dB
Interchannel Phase Deviation†
0
Degrees
Input and Output Sample Clock Jitter†
10
ns
(For
≤ 1 dB Degradation in THD+N with 10 kHz Full-Scale Input, Slow-Settling Mode)
DIGITAL INPUTS (Guaranteed over 0
°C ≤ T
A ≤ 70°C, VDD = 5.0 V ± 10%, 8 MHz ≤ MCLK ≤ 20 MHz)
Min
Max
Units
VIH
2.2
V
VIL
0. 8
V
IIH @ VIH = +5 V
4
µA
IIL @ VIL = 0 V
4
µA
VOH @ IOH = –4 mA
3.6
V
VOL @ IOL = 4 mA
0.4
V
Input Capacitance†
15
pF
DIGITAL TIMING (Guaranteed over 0
°C ≤ T
A ≤ 70°C, VDD = 5.0 V ± 10%, 8 MHz ≤ MCLK ≤ 20 MHz)
Min
Max
Units
tMCLK
MCLK Period
50
125
ns
fMCLK
MCLK Frequency (1/tMCLK)
8
20
MHz
tMPWL
MCLK LO Pulse Width
20
ns
tMPWH
MCLK HI Pulse Width
20
ns
fLRI
LR_I Frequency with 20 MHz MCLK†
10
70
kHz
tRPWL
RESET
LO Pulse Width
100
ns
tRS
RESET
Setup to MCLK Falling
15
ns
tBCLK
BCLK_I/O Period†
80
ns
fBCLK
BCLK_I/O Frequency (l/tBCLK)†
12.5
MHz
tBPWL
BCLK_I/O LO Pulse Width
40
ns
tBPWH
BCLK_I/O HI Pulse Width
40
ns
tWSI
WCLK_I Setup to BCLK_I
15
ns
tWSO
WCLK_O Setup to BCLK_O
30
ns
tLRSI
LR_I Setup to BCLK_I
15
ns
tLRSO
LR_O Setup to BCLK_O
30
ns
tDS
Data Setup to BCLK_I
0
ns
tDH
Data Hold from BCLK_I
25
ns
tDPD
Data Propagation Delay from BCLK_O
40
ns
tDOH
Data Output Hold from BCLK_O
5
ns
REV. 0
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com