Electronic Components Datasheet Search
  English  ▼

X  

ZX62 Datasheet(PDF) 11 Page - Hirose Electric

Part # ZX62
Description  Micro-USB connectors meeting requirements of USB 2.0 Standard
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ZX62 Datasheet(HTML) 11 Page - Hirose Electric

Back Button ZX62 Datasheet HTML 7Page - Hirose Electric ZX62 Datasheet HTML 8Page - Hirose Electric ZX62 Datasheet HTML 9Page - Hirose Electric ZX62 Datasheet HTML 10Page - Hirose Electric ZX62 Datasheet HTML 11Page - Hirose Electric ZX62 Datasheet HTML 12Page - Hirose Electric ZX62 Datasheet HTML 13Page - Hirose Electric ZX62 Datasheet HTML 14Page - Hirose Electric ZX62 Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
ZX SeriesqMicro-USB connectors meeting requirements of USB 2.0 Standard
All dimensions: mm
Contact HRS for Cable Termination Procedure Manual.
sPlugs
qMicro B - Assembly (insulator/contacts/lock) - Right angle through hole PCB wire soldering (non-direct)
qMicro B - Component, Cover-top - Right angle through hole
A-A
A
A
No.5
0.79
No.1
0.15
1.3
2.6
X
7.6
6.85
7.7
Part Number
ZX10-B-SLDA
CL No.
Packaging
242-0031-2
4,500 pieces per reel
Part Number
ZX10-B-5S-UNIT(12)
CL No.
Packaging
242-0030-0-12
1,500 pieces per reel
All dimensions: mm
PCB mounting pattern
*PCB required (not supplied)
Max. thickness: 0.6mm
No.5
No.1
X
1.3
2.6
3.05
5-Ø0.9(LAND)
5
7.3
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com