Electronic Components Datasheet Search
  English  ▼

X  

ZX62 Datasheet(PDF) 20 Page - Hirose Electric

Part # ZX62
Description  Micro-USB connectors meeting requirements of USB 2.0 Standard
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ZX62 Datasheet(HTML) 20 Page - Hirose Electric

Back Button ZX62 Datasheet HTML 12Page - Hirose Electric ZX62 Datasheet HTML 13Page - Hirose Electric ZX62 Datasheet HTML 14Page - Hirose Electric ZX62 Datasheet HTML 15Page - Hirose Electric ZX62 Datasheet HTML 16Page - Hirose Electric ZX62 Datasheet HTML 17Page - Hirose Electric ZX62 Datasheet HTML 18Page - Hirose Electric ZX62 Datasheet HTML 19Page - Hirose Electric ZX62 Datasheet HTML 20Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
ZX SeriesqMicro-USB connectors meeting requirements of USB 2.0 Standard
sPrecautions
1. Exercise care when handling the connectors. Do not subject them to excessive external forces when mating/un-mating.
2. Mate and un-mate as intended, holding by the overmolded body, in the correct direction. Do not un-mate by pulling on the cable.
3. Some tooling marks may be visible on the surfaces of receptacle (shell/cover). No form/fit or function is affected.
4. Appearance of the surface finishes on the receptacles may vary between production runs. No affect on form, fit or function.
sRecommended Temperature Profile - Receptacles
qUsing lead-free solder paste
150ç
(S)
180ç
120 S
(ç)
250
250ç
220çmin.
70 S
200
150
100
50
HRS test condition
Solder composition :Paste,96.5%Sn/3.0%Ag/0.5%Cu
Test board :Glass epoxy 35mm∞35mm∞0.8mm thick
The temperature profile is based on the left conditions.
In individual applications the actual temperature may vary,
depending on solder paste type, volume/thickness and
board size/thickness. Contact your solder paste and
equipment manufacturer for specific recommendations.
Note 1: Up to 2 cycles of Reflow soldering are possible
under the same conditions, provided that there is a
return to normal temperature between the first and
second cycle.
Note 2: The temperature profile indicates the board surface
temperature at the point of contacts with the
connector terminals.
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN
PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933
http://www.hirose.com
http://www.hirose-connectors.com
®
sPackaging Specifications
12
2
4
0.5
1.8
Unreeling direction
qEmbossed carrier tape dimensions
qReel Dimensions
D
Ø380
C
Unreeling direction
Part Number
A dimension
B dimension
ZX62-B-5PA
24
11.5
ZX62-AB-5PA
24
11.5
ZX62M-B-5P
24
11.5
Other
16
7.5
Part Number
C dimension
D dimension
Note : Tape and reel packaging (2,000 pieces/reel).
Order by number of reels.
ZX62-B-5PA
30.4
24.4
ZX62-AB-5PA
30.4
24.4
ZX62M-B-5P
30.4
24.4
Other
22.4
16.4
The contents of this catalog are current as of date of 08/2010. Contents are subject to change without notice for the purpose of improvements.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com