Electronic Components Datasheet Search
  English  ▼

X  

AD260AND-2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD260AND-2
Description  High Speed, Logic Isolator with Power Transformer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD260AND-2 Datasheet(HTML) 5 Page - Analog Devices

  AD260AND-2 Datasheet HTML 1Page - Analog Devices AD260AND-2 Datasheet HTML 2Page - Analog Devices AD260AND-2 Datasheet HTML 3Page - Analog Devices AD260AND-2 Datasheet HTML 4Page - Analog Devices AD260AND-2 Datasheet HTML 5Page - Analog Devices AD260AND-2 Datasheet HTML 6Page - Analog Devices AD260AND-2 Datasheet HTML 7Page - Analog Devices AD260AND-2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD260
–5–
REV. 0
PIN CONFIGURATIONS
Table I.
Pin
AD260BND-0
AD260BND-1
AD260BND-2
AD260BND-3
AD260BND-4
AD260BND-5
1
S0 (Xmt)
S0 (Xmt)
S0 (Xmt)
S0 (Xmt)
S0 (Xmt)
S0 (Rcv)
2
S1 (Xmt)
S1 (Xmt)
S1 (Xmt)
S1 (Xmt)
S1 (Rcv)
S1 (Rcv)
3
S2 (Xmt)
S2 (Xmt)
S2 (Xmt)
S2 (Rcv)
S2 (Rcv)
S2 (Rcv)
4
S3 (Xmt)
S3 (Xmt)
S3 (Rcv)
S3 (Rcv)
S3 (Rcv)
S3 (Rcv)
5
S4 (Xmt)
S4 (Rcv)
S4 (Rcv)
S4 (Rcv)
S4 (Rcv)
S4 (Rcv)
6
ENABLESYS
**
*
*
*
7
+5 V dcSYS
**
*
*
*
8
5 V RTNSYS
**
*
*
*
9
DRVA
*
*
*
*
*
10
DRVCT
*
*
*
*
*
11
DRVB
*
*
*
*
*
12
PWRBFLD
**
*
*
*
13
PWRCTFLD
**
*
*
*
14
PWRAFLD
**
*
*
*
15
5 V RTNFLD
**
*
*
*
16
+5 V dcFLD
**
*
*
*
17
ENABLEFLD
**
*
*
*
18
F0 (Rcv)
F0 (Rcv)
F0 (Rcv)
F0 (Rcv)
F0 (Rcv)
F0 (Xmt)
19
F1 (Rcv)
F1 (Rcv)
F1 (Rcv)
F1 (Rcv)
F1 (Xmt)
F1 (Xmt)
20
F2 (Rcv)
F2 (Rcv)
F2 (Rcv)
F2 (Xmt)
F2 (Xmt)
F2 (Xmt)
21
F3 (Rcv)
F3 (Rcv)
F3 (Xmt)
F3 (Xmt)
F3 (Xmt)
F3 (Xmt)
22
F4 (Rcv)
F4 (Xmt)
F4 (Xmt)
F4 (Xmt)
F4 (Xmt)
F4 (Xmt)
*Pin function is the same on all models, as shown in the AD260BND-0 column.
AD260BND-4
S0
1
F3 21
SYSTEM
FIELD
+5Vdc
5Vdc RTN
DRIVE
+5Vdc
5Vdc RTN
17V p-p OUT
CT OUT
17V p-p OUT
S1
2
S2
3
S3
S4
DRVA
F0
F1
F2
F4
19
20
22
15
16
18
6
7
8
4
5
AD260-4
+5V
DRVCT
DRIVE
DRVB
TR
IS
TA
TE
LATCH
E
TR
IST
ATE
D
LINE 0 – OUT
13
14
9
12
10
11
LATCH
D
E
TR
IST
AT
E
LATCH
D
E
TR
IST
AT
E
+5VdcFLD
5V RTNFLD
ENABLEFLD
PWRAFLD
PWRCTFLD
PWRBFLD
5V RTNSYS
+5VdcSYS
ENABLESYS
17
LATCH
D
E
TR
IST
AT
E
LATCH
D
E
TR
IST
AT
E
LINE 1 – IN
LINE 2 – IN
LINE 3 – IN
LINE 4 – IN
AD260BND-5
S0
1
F3 21
SYSTEM
FIELD
+5Vdc
5Vdc RTN
DRIVE
+5Vdc
5Vdc RTN
17V p-p OUT
CT OUT
17V p-p OUT
S1
S2
S3
S4
DRVA
F0
F1
F2
F4
19
20
22
15
16
18
6
7
8
4
5
AD260-5
+5V
DRVCT
DRIVE
DRVB
13
14
9
12
10
11
LATCH
D
E
TRISTATE
LATCH
D
E
TRISTATE
+5VdcFLD
5V RTNFLD
ENABLEFLD
PWRAFLD
PWRCTFLD
PWRBFLD
5V RTNSYS
+5VdcSYS
ENABLESYS
17
3
2
LATCH
D
E
TRISTATE
LATCH
D
E
TRISTATE
LATCH
D
E
LINE 0 – IN
TRISTATE
LINE 1 – IN
LINE 2 – IN
LINE 3 – IN
LINE 4 – IN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com