Electronic Components Datasheet Search
  English  ▼

X  

AD260AND-2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD260AND-2
Description  High Speed, Logic Isolator with Power Transformer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD260AND-2 Datasheet(HTML) 7 Page - Analog Devices

  AD260AND-2 Datasheet HTML 1Page - Analog Devices AD260AND-2 Datasheet HTML 2Page - Analog Devices AD260AND-2 Datasheet HTML 3Page - Analog Devices AD260AND-2 Datasheet HTML 4Page - Analog Devices AD260AND-2 Datasheet HTML 5Page - Analog Devices AD260AND-2 Datasheet HTML 6Page - Analog Devices AD260AND-2 Datasheet HTML 7Page - Analog Devices AD260AND-2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD260
–7–
REV. 0
The power transformer is designed to operate between 150 kHz
and 250 kHz and will easily deliver more than 1 W of isolated
power when driven push-pull (5 V) on the system side. Different
transformer tap, rectifier and regulator schemes will provide
combinations of
±5 V, 15 V, 24 V or even 30 V or higher.
The output voltage when driven with a low voltage-drop drive
(@ 5 V push-pull) will be 37 V p-p across the entire secondary.
This will drop to 33 V p-p at 4.5 V drive.
3.3 F
TANT.
+
–
52T
CT
LM2524
12
11
14
13
COMP VIN VREF
4.7k
915
16
3.3k
0.1 F
10
1
2
4
5
6
7
470pF
GND
INV
NI
CL+
CT
RT
CL–
LOGIC/SHUTDOWN (HI)
+5Vdc
8
3.3 F
TANT.
+
–
52T
CT
MAX
253
1
8
4
3
G2
FS
SHUTDOWN (
ON/OFF)
+5Vdc
7
G1
2
6
D1
D2
SD
Figure 3. System Side Transformer Driver Examples
Application Examples
The following is an example of a typical transformer system-side
drive circuit and a field-side regulation circuit suitable for use in
most general applications.
+5V
REG
96T
CT.
–5V ISO
+5V ISO
I
VDD FLD
ENABLE FLD
(PWR-UP ENABLE)
–5V
REG
Figure 4.
a
a
+5Vdc/+4.5Vdc
150mA
+
LOAD
COM
80mA
b
–
COM
20mA
b
+
20mA
b
+5Vdc/+4.5Vdc
150mA
–
COM
20mA
b
+
20mA
a
+5Vdc/+4.5Vdc
150mA
–
COM
40mA
a
+
40mA
a
a
7.72
7.62
15.79
23.5
7.72
a
+5Vdc/+4.5Vdc
150mA
COM
20mA
b
+
20mA
b
+
VOUT @
5V DRIVE
V(MIN) @
4.5V DRIVE
+8.55
17.63
8.64
+26.3
+8.64
"a" DIODES
IN5818/MBR0530
"b" DIODES
IN5819/MBR0540
Figure 5. Field Side Power Supply Rectifier Examples



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com