Electronic Components Datasheet Search
  English  ▼

X  

AD260AND-2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD260AND-2
Description  High Speed, Logic Isolator with Power Transformer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD260AND-2 Datasheet(HTML) 8 Page - Analog Devices

  AD260AND-2 Datasheet HTML 1Page - Analog Devices AD260AND-2 Datasheet HTML 2Page - Analog Devices AD260AND-2 Datasheet HTML 3Page - Analog Devices AD260AND-2 Datasheet HTML 4Page - Analog Devices AD260AND-2 Datasheet HTML 5Page - Analog Devices AD260AND-2 Datasheet HTML 6Page - Analog Devices AD260AND-2 Datasheet HTML 7Page - Analog Devices AD260AND-2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD260
–8–
REV. 0
22-Lead Plastic DIP
(ND-22)
BOTTOM
VIEW
SYSTEM
FIELD
0.250
(6.35)
0.050
(1.27)
PIN 1
0.075 (1.91)
* CREEPAGE PATH (SUBTRACT APPROXIMATELY
0.079 (2mm) FOR SOLDER PAD RADII ON PC BOARD.
THIS SPACING SUPPORTS THE INTRINSICALLY
SAFE RATING OF 750V. WAVE SOLDERING IS
NOT RECOMMENDED.
0.350 (8.89)
0.5* (12.2)
SIDE VIEW
22
1
11
12
1.500 (38.1) MAX
0.050 (1.27)
0.160 (4.06)
0.140 (3.56)
0.020
0.010
(0.508
0.254)
22 PLACES
0.100
(2.54)
0.550 (13.97)
MAX
0.440
(11.18)
MAX
END VIEW
0.350
(8.89)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com