Electronic Components Datasheet Search
  English  ▼

X  

AD420 Datasheet(PDF) 5 Page - Analog Devices

Part # AD420
Description  Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD420 Datasheet(HTML) 5 Page - Analog Devices

  AD420 Datasheet HTML 1Page - Analog Devices AD420 Datasheet HTML 2Page - Analog Devices AD420 Datasheet HTML 3Page - Analog Devices AD420 Datasheet HTML 4Page - Analog Devices AD420 Datasheet HTML 5Page - Analog Devices AD420 Datasheet HTML 6Page - Analog Devices AD420 Datasheet HTML 7Page - Analog Devices AD420 Datasheet HTML 8Page - Analog Devices AD420 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
REV. F
–5–
AD420
PIN DESCRIPTION
Pin #
Symbol
Function
1, 12, 13, 24
NC
No Connection. No internal connections inside device.
2VLL
Auxiliary buffered +4.5 V digital logic voltage. This pin is the internal supply voltage
for the digital circuitry and can be used as a termination for pull-up resistors. An
external +5 V power supply can be connected to VLL. It will override this buffered
voltage, thus reducing the internal power dissipation. The VLL pin should be decoupled
to GND with a 0.1
µF capacitor. See Power Supplies and Decoupling section.
3
FAULT DETECT
FAULT DETECT, connected to a pull-up resistor, is asserted low when the
output current does not match the DAC’s programmed value, for example, in
case the current loop is broken.
4
RANGE SELECT 2
Selects the converter’s output operating range. One output voltage range and three
5
RANGE SELECT 1
output current ranges are available.
6
CLEAR
Valid VIH will unconditionally force the output to go to the minimum of its
programmed range. After CLEAR is removed the DAC output will remain at this
value. The data in the input register is unaffected.
7
LATCH
In the three-wire interface mode a rising edge parallel loads the serial input register
data into the DAC. To use the asynchronous mode connect LATCH through a
current limiting resistor to VCC.
8
CLOCK
Data Clock Input. The clock period is equal to the input data bit rate in the three-
wire interface mode and is 16 times the bit rate in asynchronous mode.
9
DATA IN
Serial Data Input.
10
DATA OUT
Serial Data Output. In the three-wire interface mode, this output can be used for
daisy-chaining multiple AD420s. In the asynchronous mode a positive pulse will
indicate a framing error after the stop-bit is received.
11
GND
Ground (Common).
14
REF OUT
+5 V Reference Output.
15
REF IN
Reference Input.
16
OFFSET TRIM
Offset Adjust.
17
VOUT
Voltage Output.
18
IOUT
Current Output.
19
BOOST
Connect to an external transistor to reduce the power dissipated in the AD420
output transistor, if desired.
20
CAP 1
These pins are used for internal filtering. Connect capacitors between each of these
21
CAP 2
pins and VCC. Refer to the description of current output operation.
22
NC
No Connection. Do not connect anything to this pin.
23
VCC
Power Supply Input. The VCC pin should always be decoupled to GND with a
0.1
µF capacitor. See Power Supplies and Decoupling section.
DEFINITIONS OF SPECIFICATIONS
RESOLUTION: For 16-bit resolution, 1 LSB = 0.0015% of the
FSR. In the 4 mA–20 mA range 1 LSB = 244 nA.
INTEGRAL NONLINEARITY: Analog Devices defines inte-
gral nonlinearity as the maximum deviation of the actual, ad-
justed DAC output from the ideal analog output (a straight line
drawn from 0 to FS – 1 LSB) for any bit combination. This is
also referred to as relative accuracy.
DIFFERENTIAL NONLINEARITY: Differential nonlinearity
is the measure of the change in the analog output, normalized to
full scale, associated with an LSB change in the digital input code.
Monotonic behavior requires that the differential linearity error be
greater than –1 LSB over the temperature range of interest.
MONOTONICITY: A DAC is monotonic if the output either
increases or remains constant for increasing digital inputs with
the result that the output will always be a single-valued function
of the input.
GAIN ERROR: Gain error is a measure of the output error
between an ideal DAC and the actual device output with all 1s
loaded after offset error has been adjusted out.
OFFSET ERROR: Offset error is the deviation of the output
current from its ideal value expressed as a percentage of the full-
scale output with all 0s loaded in the DAC.
DRIFT: Drift is the change in a parameter (such as gain and
offset) over a specified temperature range. The drift temperature
coefficient, specified in ppm/
°C, is calculated by measuring the
parameter at TMIN, 25
°C, and T
MAX and dividing the change in
the parameter by the corresponding temperature change.
CURRENT LOOP VOLTAGE COMPLIANCE: The voltage
compliance is the maximum voltage at the IOUT pin for which
the output current will be equal to the programmed value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com