Electronic Components Datasheet Search
  English  ▼

X  

AD5206 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5206
Description  4-/6-Channel Digital Potentiometers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5206 Datasheet(HTML) 5 Page - Analog Devices

  AD5206 Datasheet HTML 1Page - Analog Devices AD5206 Datasheet HTML 2Page - Analog Devices AD5206 Datasheet HTML 3Page - Analog Devices AD5206 Datasheet HTML 4Page - Analog Devices AD5206 Datasheet HTML 5Page - Analog Devices AD5206 Datasheet HTML 6Page - Analog Devices AD5206 Datasheet HTML 7Page - Analog Devices AD5206 Datasheet HTML 8Page - Analog Devices AD5206 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AD5204/AD5206
–5–
REV. 0
AD5204 PIN FUNCTION DESCRIPTIONS
Pin
No.
Name
Description
1, 2,
12
NC
Not Connected.
3
GND
Ground.
4
CS
Chip Select Input, Active Low. When
CS
returns high, data in the serial input register
is decoded based on the address bits and
loaded into the target RDAC latch.
5
PR
Active low preset to midscale; sets RDAC
registers to 80H.
6VDD
Positive power supply, specified for
operation at both +3 V or +5 V. (Sum of
|VDD| + |VSS| <5.5 V.)
7
SHDN
Active low input. Terminal A open-circuit.
Shutdown controls Variable Resistors #1
through #4.
8
SDI
Serial Data Input. MSB First.
9
CLK
Serial Clock Input, positive edge triggered.
10
SDO
Serial Data Output, Open Drain transistor
requires pull-up resistor.
11
VSS
Negative Power Supply, specified for
operation at both 0 V or –2.7 V. (Sum of
|VDD| + |VSS| <5.5 V.)
13
B3
B Terminal RDAC #3.
14
W3
Wiper RDAC #3, addr = 0102.
15
A3
A Terminal RDAC #3.
16
B1
B Terminal RDAC #1.
17
W1
Wiper RDAC #1, addr = 0002.
18
A1
A Terminal RDAC #1.
19
A2
A Terminal RDAC #2.
20
W2
Wiper RDAC #2, addr = 0012.
21
B2
B Terminal RDAC #2.
22
A4
A Terminal RDAC #4.
23
W4
Wiper RDAC #4, addr = 0112.
24
B4
B Terminal RDAC #4.
AD5206 PIN FUNCTION DESCRIPTIONS
Pin
No.
Name
Description
1
A6
A Terminal RDAC #6.
2
W6
Wiper RDAC #6, addr = 1012.
3
B6
B Terminal RDAC #6.
4
GND
Ground.
5
CS
Chip Select Input, Active Low. When
CS
returns high, data in the serial input register
is decoded based on the address bits and
loaded into the target RDAC latch.
6VDD
Positive power supply, specified for
operation at both +3 V or +5 V. (Sum of
|VDD| + |VSS| <5.5 V.)
7
SDI
Serial Data Input. MSB First.
8
CLK
Serial Clock Input, positive edge triggered.
9VSS
Negative Power Supply, specified for
operation at both 0 V or –2.7 V. (Sum of
|VDD| + |VSS| <5.5 V.)
10
B5
B Terminal RDAC #5.
11
W5
Wiper RDAC #5, addr = 1002.
12
A5
A Terminal RDAC #5.
13
B3
B Terminal RDAC #3.
14
W3
Wiper RDAC #3, addr = 0102.
15
A3
A Terminal RDAC #3.
16
B1
B Terminal RDAC #1.
17
W1
Wiper RDAC #1, addr = 0002.
18
A1
A Terminal RDAC #1.
19
A2
A Terminal RDAC #2.
20
W2
Wiper RDAC #2, addr = 0012.
21
B2
B Terminal RDAC #2.
22
A4
A Terminal RDAC #4.
23
W4
Wiper RDAC #4, addr = 0112.
24
B4
B Terminal RDAC #4.
AD5206 PIN CONFIGURATION
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
A5
W5
B5
VSS
CLK
A6
W6
B6
GND
SDI
VDD
CS
B3
W3
A3
B1
W1
B4
W4
A4
B2
A1
A2
W2
AD5206
(NOT TO
SCALE)
AD5204 PIN CONFIGURATION
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
NC
VSS
SDO
CLK
SDI
NC
NC
GND
CS
SHDN
VDD
PR
B3
W3
A3
B1
W1
B4
W4
A4
B2
A1
A2
W2
AD5204
(NOT TO
SCALE)
NC = NO CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com