Electronic Components Datasheet Search
  English  ▼

X  

AD5206 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5206
Description  4-/6-Channel Digital Potentiometers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5206 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5206 Datasheet HTML 3Page - Analog Devices AD5206 Datasheet HTML 4Page - Analog Devices AD5206 Datasheet HTML 5Page - Analog Devices AD5206 Datasheet HTML 6Page - Analog Devices AD5206 Datasheet HTML 7Page - Analog Devices AD5206 Datasheet HTML 8Page - Analog Devices AD5206 Datasheet HTML 9Page - Analog Devices AD5206 Datasheet HTML 10Page - Analog Devices AD5206 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AD5204/AD5206
–7–
REV. 0
FREQUENCY – Hz
0
–60
1k
1M
–54
100k
10k
–48
–42
–36
–30
–24
–18
–12
–6
VDD = 2.7V
VSS = –2.7V
VA = 100mV rms
TA = +25 C
VA
OP42
DATA = 80H
DATA = 40H
DATA = 20H
DATA = 10H
DATA = 08H
DATA = 04H
DATA = 02H
DATA = 01H
Figure 10. Bandwidth vs. Code, 100K Version
SUPPLY VOLTAGE VDD – Volts
2.5
2.0
0.0
1.0
6.0
2.0
3.0
4.0
5.0
1.0
0.1
0.5
DUAL SUPPLY
VSS = 0V
SINGLE SUPPLY
VDD = VSS
Figure 11. Digital Input Trip Point vs. Supply Voltage
INCREMENTAL INPUT LOGIC VOLTAGE – Volts
100
0.001
0
5
10
123
4
6
1
0.1
0.01
TA = +25 C
IDD AT VDD/VSS = 2.7V/0V
IDD AT VDD/VSS = 5.5V/0V
ISS AT VDD/VSS = 2.7V
IDD AT VDD/VSS = 2.7V
Figure 12. Supply Current vs. Input Logic Voltage
8
0
10k
10M
7
1M
100k
FREQUENCY – Hz
IDD, VDD/VSS = 5.5V/0V, DATA = 55H
ISS, VDD/VSS = 2.7V, DATA = 55H
ISS, VDD/VSS = 2.7V, DATA = FFH
IDD, VDD/VSS = 5,5V/0V, DATA = FFH
IDD, VDD/VSS = 2.7V/0V, DATA = FFH
IDD, VDD/VSS = 2.7V/0V, DATA = 55H
6
5
4
3
2
1
TA = +25 C
Figure 13. Supply Current vs. Clock Frequency
0
10
100k
10k
100
FREQUENCY – Hz
TA = +25 C
VDD = 5.0V
10%
VDD = 3.0V
10%
VSS = –3.0V
10%
60
50
40
30
20
10
1k
Figure 14. Power Supply Rejection vs. Frequency
FREQUENCY – Hz
10
1.0
VDD = +2.7V
VSS = –2.7V
TA = +25 C
RAB = 10k
NONINVERTING TEST CIRCUIT
INVERTING TEST CIRCUIT
100
1k
10k
100k
0.0001
0.001
0.01
0.1
Figure 15. Total Harmonic Distortion Plus Noise vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com