Electronic Components Datasheet Search
  English  ▼

X  

AD5206 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5206
Description  4-/6-Channel Digital Potentiometers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5206 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5206 Datasheet HTML 3Page - Analog Devices AD5206 Datasheet HTML 4Page - Analog Devices AD5206 Datasheet HTML 5Page - Analog Devices AD5206 Datasheet HTML 6Page - Analog Devices AD5206 Datasheet HTML 7Page - Analog Devices AD5206 Datasheet HTML 8Page - Analog Devices AD5206 Datasheet HTML 9Page - Analog Devices AD5206 Datasheet HTML 10Page - Analog Devices AD5206 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AD5204/AD5206
–10–
REV. 0
RDAC 1
RDAC 2
RDAC 4/6
AD5204/AD5206
SDI
CLK
CS
ADDR
DECODE
SERIAL
REGISTER
Figure 18. Equivalent Input Control Logic
The target RDAC latch is loaded with the last eight bits of the
serial data word completing one DAC update. Four separate 8-
bit data words must be clocked in to change all four VR settings.
SERIAL
REGISTER
SDI
CK
RS
D
Q
SHDN
CS
CLK
PR
SDO
GND
Figure 19. Detail SDO Output Schematic of the AD5204
All digital pins are protected with a series input resistor and
parallel Zener ESD structure shown in Figure 20. Applies to
digital pins
CS, SDI, SDO, PR, SHDN, CLK
340k
LOGIC
VSS
Figure 20. ESD Protection of Digital Pins
A, B, W
VSS
Figure 21. ESD Protection of Resistor Terminals
V+
DUT
VMS
A
B
W
V+ = VDD
1LSB = V+/256
Figure 22. Potentiometer Divider Nonlinearity Error Test
Circuit (INL, DNL)
NO CONNECT
IW
DUT
VMS
A
B
W
Figure 23. Resistor Position Nonlinearity Error (Rheostat
Operation; R-INL, R-DNL)
IMS
VW
IW = 1V/RNOMINAL
DUT
VMS
A
B
W
V+
IW
RW = ––––––––––––––––––––––––––
VW2–[VW1 + IW (RAWII RBW)]
WHERE VW1 = VMS WHEN IW = 0
AND VW2 = VMS WHEN IW = 1/R
V+
VDD
Figure 24. Wiper Resistance Test Circuit
PSRR (dB) = 20 LOG
( ––––– )
PSS (%/%) = –––––––
VMS
VDD
VMS%
VDD%
V+ = VDD ± 10%
VDD
VA
~
V+
VMS
A
B
W
Figure 25. Power Supply Sensitivity Test Circuit (PSS,
PSRR)
AB
VIN
OP279
+5V
VOUT
DUT
W
OFFSET
GND
+
OFFSET BIAS
Figure 26. Inverting Programmable Gain Test Circuit
AB
VIN
OP279
+5V
VOUT
DUT
W
OFFSET
GND
OFFSET BIAS
Figure 27. Noninverting Programmable Gain Test Circuit
+15V
–15V
A
B
VIN
2.5V
OP42
VOUT
DUT
W
OFFSET
GND
+
Figure 28. Gain vs. Frequency Test Circuit
ISW
VSS TO VDD
RSW =
0.1V
ISW
CODE = ØØH
0.1V
DUT
B
W
+
Figure 29. Incremental ON Resistance Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com