Electronic Components Datasheet Search
  English  ▼

X  

AD5235 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5235
Description  Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5235 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5235 Datasheet HTML 2Page - Analog Devices AD5235 Datasheet HTML 3Page - Analog Devices AD5235 Datasheet HTML 4Page - Analog Devices AD5235 Datasheet HTML 5Page - Analog Devices AD5235 Datasheet HTML 6Page - Analog Devices AD5235 Datasheet HTML 7Page - Analog Devices AD5235 Datasheet HTML 8Page - Analog Devices AD5235 Datasheet HTML 9Page - Analog Devices AD5235 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PRELIMINARY TECHNICAL DATA
Nonvolatile Memory Digital Potentiometers
AD5235
REV PrD 6 NOV, 2000
8
Information contained in this Product Concept data sheet describes a product in the early definition stage. There is no guarantee that the
information contained here will become a final product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa Clara,
CA. TEL(408)562-7254; FAX (408)727-1550; walt.heinzer@analog.com
RWA(Dx) = [ (2
N-Dx)/2N ] * R
AB + RW
eqn. 3
Similarly, eqn. 3 becomes:
RWA(Dx) = [ (1024-Dx)/1024 ] * RAB + 50Ω
eqn. 4
For example, when VA = 0V and B–terminal is tied to the wiper W
the following output resistance values will be set for the following
RDAC latch codes (applies to RAB=10KΩ potentiometers):
Dx
RWA
Output State
(DEC)
(
Ω)
1023
74
Full-Scale
512
12500
Mid-Scale
1
25000
1 LSB
0
25050
Zero-Scale
A ±1% typical distribution of RAB from channel-to-channel occurs
within the same package. On the other hand, device to device
matching is process lot dependent such that a maximum of ±30%
variation is possible. The change in RAB with temperature has a 50
ppm/°C temperature coefficient.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates an output voltage
proportional to the input voltage applied to a given terminal. For
example connecting A–terminal to +5V and B–terminal to ground
produces an output voltage at the wiper which can be any value
starting at zero volts and up to 1 LSB less than +5V. Each LSB of
voltage is equal to the voltage applied across terminal AB divided
by the 2
N resolution of the potentiometer divider. The general
equation defining the output voltage with respect to ground for any
given input voltage applied to terminals AB is:
VW(Dx) = Dx/2
N * V
AB + VBeqn. 5
Since N=10,
VW(Dx) = (Dx/1024) * VAB + VB
eqn. 6
Operation of the digital potentiometer in the divider mode results in
more accurate operation over temperature. Here the output voltage
is dependent on the ratio of the internal resistors and not the
absolute value. Therefore, the drift reduces to 15ppm/°C.
ESD PROTECTION CIRCUITS
IN P U T S
L OGIC
PINS
GN D
V
DD
Figure 5A. Equivalent Digital Input ESD Protection
OU T P U T S
O1 & O2
PINS
GN D
V
DD
Figure 5B. Equivalent Digital Output ESD Protection
OUT P U T S
SDO
PIN
GND
V
DD
Figure 5C. Equivalent SDO Output ESD Protection Circuit
Figure 5 shows the equivalent ESD protection circuit for digital
pins. Figure 6 shows the equivalent analog-terminal protection
circuit for the variable resistors.
PO T E N T IO M E T E R
TE R M IN A L S
A, B, W
PIN S
V
SS
Figure 6. Equivalent VR-Terminal ESD Protection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com