Electronic Components Datasheet Search
  English  ▼

X  

ACT4455 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT4455
Description  36V/5A Step Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4455 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT4455 Datasheet HTML 1Page - Active-Semi, Inc ACT4455 Datasheet HTML 2Page - Active-Semi, Inc ACT4455 Datasheet HTML 3Page - Active-Semi, Inc ACT4455 Datasheet HTML 4Page - Active-Semi, Inc ACT4455 Datasheet HTML 5Page - Active-Semi, Inc ACT4455 Datasheet HTML 6Page - Active-Semi, Inc ACT4455 Datasheet HTML 7Page - Active-Semi, Inc ACT4455 Datasheet HTML 8Page - Active-Semi, Inc ACT4455 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ACT4455
Rev 2, 21-Nov-12
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ORDERING INFORMATION
PART NUMBER
OPERATION TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT4455YH-T
-40°C to 85°C
SOP-8EP
8
TAPE & REEL
PIN CONFIGURATION
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
CS1
The output current of VOUT1 is sensed by this pin. When the voltage on this pin reaches
116mV for 750µs, the IC shuts down for 2.5 seconds before initiating a restartup.
2
SW
Switch Output. Connect this pin to the switching end of the external inductor.
3
HSB
High Side Bias. This pin acts as the positive rail for the high-side switch’s gate driver.
Connect a 22nF-100nF capacitor between HSB and SW pins.
4
GND
Ground.
5
COMP
Compensation Node. COMP is used to compensate the voltage regulation loop.
6
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage. The feedback threshold is 0.808V.
See Setting the Output Voltage.
7
IN
Input Supply. Bypass this pin to GND with a 10µF or greater low ESR capacitor.
8
CS2
The output current of VOUT2 is sensed by this pin. When the voltage on this pin reaches
116mV for 750µs, the IC shuts down for 2.5 seconds and then restarts.
Exposed Pad
Exposed Pad. Connect this pad to thick copper plane via copper vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com