Electronic Components Datasheet Search
  English  ▼

X  

ACT4455 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT4455
Description  36V/5A Step Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4455 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT4455 Datasheet HTML 7Page - Active-Semi, Inc ACT4455 Datasheet HTML 8Page - Active-Semi, Inc ACT4455 Datasheet HTML 9Page - Active-Semi, Inc ACT4455 Datasheet HTML 10Page - Active-Semi, Inc ACT4455 Datasheet HTML 11Page - Active-Semi, Inc ACT4455 Datasheet HTML 12Page - Active-Semi, Inc ACT4455 Datasheet HTML 13Page - Active-Semi, Inc ACT4455 Datasheet HTML 14Page - Active-Semi, Inc ACT4455 Datasheet HTML 15Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ACT4455
Rev 2, 21-Nov-12
Innovative Power
TM
- 12 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Circuit of Figure 7, RCS1 = RCS2 = 50mΩ, L = 18µH, CIN = 150µF, COUT = 680µF, TA = 25°C, unless otherwise specified.)
Vcs vs. Temperature
Start Up
VOUT = 5V
RLORD = 1.5Ω
IISET = 2A
VIN = 12V
CH1: VOUT, 2V/div
CH2: VIN, 5V/div
TIME: 1ms/div
CH1
CH2
VIN = 12V
IOUT = 1A
CH1: Ripper, 50mV/div
CH2: SW, 10V/div
TIME: 2µs/div
SW vs. Output Ripples
CH1
CH2
VIN = 12V
IOUT = 0A
Load Step Waveforms
CH1
CH2
CH1: VOUT Ripple, 200mV/div
CH2: IOUT, 2A/div
TIME: 400µs/div
VIN = 12V
IOUT1 = 0.08-2.1A
IOUT2 = 0A
Input Current at Output Short Output
1.2
1
0.8
0.6
0.4
0.2
0
Input Voltage (V)
5
10
15
20
25
30
35
40
Temperature (°C)
-25
0
25
50
75
100
125
150
0.18
0.17
0.16
0.15
0.14
0.13
VCS1
VCS2
CH1: Ripper, 50mV/div
CH2: SW, 10V/div
TIME: 2µs/div
SW vs. Output Ripples
CH1
CH2
VIN = 12V
IOUT = 4.2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com