Electronic Components Datasheet Search
  English  ▼

X  

ACT4455 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT4455
Description  36V/5A Step Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4455 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT4455 Datasheet HTML 1Page - Active-Semi, Inc ACT4455 Datasheet HTML 2Page - Active-Semi, Inc ACT4455 Datasheet HTML 3Page - Active-Semi, Inc ACT4455 Datasheet HTML 4Page - Active-Semi, Inc ACT4455 Datasheet HTML 5Page - Active-Semi, Inc ACT4455 Datasheet HTML 6Page - Active-Semi, Inc ACT4455 Datasheet HTML 7Page - Active-Semi, Inc ACT4455 Datasheet HTML 8Page - Active-Semi, Inc ACT4455 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ACT4455
Rev 2, 21-Nov-12
Innovative Power
TM
- 5 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
Operation
As seen in Functional Block Diagram, the ACT4455
is a current mode controlled regulator. The EA
output voltage (COMP voltage) is proportional to
the peak inductor current.
A switching cycle starts when the rising edge of the
Oscillator clock output causes the High-Side Power
Switch to turn on and the Low-Side Power Switch to
turn off. With the SW side of the inductor now
connected to IN, the inductor current ramps up to
store energy. The inductor current level is
measured by the Current Sense Amplifier and
added to the Oscillator ramp signal. If the resulting
summation is higher than the COMP voltage, the
output of the PWM Comparator goes high. When
this happens or when Oscillator clock output goes
low, the High-Side Power Switch turns off and the
inductor freewheels through the schottky diode
causing the inductor current to decrease and
magnetic energy to be transferred to output. This
state continues until the cycle starts again. The
High-Side Power Switch is driven by logic using
HSB as the positive rail. This pin is charged to VSW
+ 5V when the Low-Side Power Switch turns on.
The Comp voltage is the integration of the error
between FB input and internal 0.808V reference. If
FB
is lower than the reference voltage, COMP
tends to go higher to increase current to the output.
Over Current and Short Circuit
Protection
CS pins are connected to the high side of current
sensing resistors to prevent output over current.
With independent CS1 and CS2 pins, two output
currents are detected. If the voltage at either CS
pins exceeds 116mV for more than 750µs. The
converter shuts down and goes into sleeping mode.
A new soft startup is triggered after 2.5s. If the fault
condition is un-cleared, the converter shuts down
again until over current condition is cleared. With
this long-waiting-time hiccup mode, the power
consumption at over loading or outputs short is
reduced to nearly zero.
Thermal Shutdown
The ACT4455 shuts down when its junction
temperature exceeds 150°C. The converter triggers
a soft-start when the temperature has dropped by
10°C. The soft-restart avoids output over voltage at
thermal hiccup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com