Electronic Components Datasheet Search
  English  ▼

X  

AD5322 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5322
Description  2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5322 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5322 Datasheet HTML 4Page - Analog Devices AD5322 Datasheet HTML 5Page - Analog Devices AD5322 Datasheet HTML 6Page - Analog Devices AD5322 Datasheet HTML 7Page - Analog Devices AD5322 Datasheet HTML 8Page - Analog Devices AD5322 Datasheet HTML 9Page - Analog Devices AD5322 Datasheet HTML 10Page - Analog Devices AD5322 Datasheet HTML 11Page - Analog Devices AD5322 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
AD5302/AD5312/AD5322
–8–
SINK/SOURCE CURRENT – mA
5
0
01
23
3
2
1
4
45
6
5V SOURCE
3V SOURCE
3V SINK
5V SINK
Figure 14. Source and Sink Current
Capability
VDD – Volts
1.0
0
2.7
3.2
5.2
3.7
4.2
4.7
0.4
0.2
0.8
0.6
BOTH DACS IN
THREE-STATE CONDITION
–40 C
+25 C
+105 C
Figure 17. Power-Down Current vs.
Supply Voltage
CH1 1V, CH2 1V, TIME BASE = 20 s/DIV
CH2
CH1
VDD
VOUTA
TA = +25 C
Figure 20. Power-On Reset to 0 V
600
0
ZERO-SCALE
FULL-SCALE
200
100
500
400
300
VDD = +5V
TA = +25 C
Figure 15. Supply Current vs. Code
VLOGIC – Volts
700
100
0
0.5
4.5
1.5
2.5
3.5
400
300
600
500
1.0
2.0
3.0
4.0
5.0
200
TA = +25 C
VDD = +5V
VDD = +3V
Figure 18. Supply Current vs. Logic
Input Voltage
CH1 1V, CH3 5V, TIME BASE = 1 s/DIV
CH3
CH1
VOUT
CLK
TA = +25 C
Figure 21. Exiting Power-Down to
Midscale
IDD – A
0
100
150
400
200
250
350
300
VDD = +5V
VDD = +3V
Figure 13. IDD Histogram with VDD =
+3 V and VDD = +5 V
VDD – Volts
600
0
2.5
3.0
5.5
3.5
4.0
300
200
100
500
4.5
5.0
BOTH DACS IN GAIN-OF-TWO MODE
REFERENCE INPUTS BUFFERED
400
–40 C
+25 C
+105 C
Figure 16. Supply Current vs. Supply
Voltage
CH1 1V, CH2 5V, TIME BASE = 5 s/DIV
CH2
CH1
CLK
VOUT
VDD = +5V
TA = +25 C
Figure 19. Half-Scale Settling (1/4 to
3/4 Scale Code Change)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com